Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAS407-2801100 Datasheet(PDF) 3 Page - SICK AG

Part # RAS407-2801100
Description  RADAR SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RAS407-2801100 Datasheet(HTML) 3 Page - SICK AG

  RAS407-2801100 Datasheet HTML 1Page - SICK AG RAS407-2801100 Datasheet HTML 2Page - SICK AG RAS407-2801100 Datasheet HTML 3Page - SICK AG RAS407-2801100 Datasheet HTML 4Page - SICK AG RAS407-2801100 Datasheet HTML 5Page - SICK AG RAS407-2801100 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RAS407-2801100 | RAS4xx
RADAR SENSORS
2016-04-06 10:56:29 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
3
Ambient operating temperature
–20 °C ... +60 °C
Storage temperature
–20 °C ... +60 °C
Dimensional drawing (Dimensions in mm (inch))
RAS407-280xxxx
138 (5.43)
4
(0.16)
65.5
(2.58)
151 (5.94)
1
4
2
3
3
3
3
150
(5.91)
5
①  Angle horizontal
②  Angle vertical
③  Mounting holes, 4 x Ø 4.4 mm
④  Connection for controller unit
⑤  Recommended free space for connections


Similar Part No. - RAS407-2801100

ManufacturerPart #DatasheetDescription
logo
SICK AG
RAS407-2801101 SICK-RAS407-2801101 Datasheet
760Kb / 6P
   RADAR SENSORS
More results

Similar Description - RAS407-2801100

ManufacturerPart #DatasheetDescription
logo
SICK AG
RAS407-2800101 SICK-RAS407-2800101 Datasheet
764Kb / 6P
   RADAR SENSORS
RAS407-2800201 SICK-RAS407-2800201 Datasheet
736Kb / 6P
   RADAR SENSORS
RAS407-2801001 SICK-RAS407-2801001 Datasheet
857Kb / 5P
   RADAR SENSORS
RAS407-2800100 SICK-RAS407-2800100 Datasheet
764Kb / 6P
   RADAR SENSORS
RAS407-2800200 SICK-RAS407-2800200 Datasheet
736Kb / 6P
   RADAR SENSORS
RAS407-2801101 SICK-RAS407-2801101 Datasheet
760Kb / 6P
   RADAR SENSORS
logo
Analog Devices
KHPA0608 AD-KHPA0608 Datasheet
569Kb / 3P
   Commercial Radar
logo
RFbeam Microwave GmbH
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
logo
Pepperl+Fuchs Inc.
RADEC-D PF-RADEC-D Datasheet
1,017Kb / 6P
   Radar sensor
RAVE-D PF-RAVE-D Datasheet
1Mb / 7P
   Radar sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com