Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS281 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS281
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS281 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS281 Datasheet HTML 1Page - Vectron International, Inc TFS281 Datasheet HTML 2Page - Vectron International, Inc TFS281 Datasheet HTML 3Page - Vectron International, Inc TFS281 Datasheet HTML 4Page - Vectron International, Inc TFS281 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 281.doc
Version 2.2
24.06.2010
Vectron International
Filter specification
TFS 281
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
183 Ω || -12.5 pF
Output:
172 Ω || -12.6 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS281 is the minimum of the pass band attenuation. This value is defined as the insertion loss
ae. The nominal frequency fN is fixed at 281,6 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating
temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
9
dB
max.
12,0
dB
(reference level)
Nominal frequency
fN
281,6
MHz
Passband
PB
47,2
MHz
fN
±
20,0
MHz
Pass band ripple
p-p
0,4
max.
1
dB
Relative attenuation
arel
fN ...
fN ±
20
MHz
0,4
dB
max.
1
dB
10
MHz ... fN -
40
MHz
47
dB
min.
40
dB
fN -
40
MHz ... fN -
31,2 MHz
41
dB
min.
37
dB
fN +
40
MHz ... fN +
31,2 MHz
43
dB
min.
37
dB
fN +
40
MHz ... fN +
220
MHz
43
dB
min.
40
dB
Group delay ripple within PB
35
ns
max.
75
ns
Return loss within PB
14
dB
min.
10
dB
Input power level
-
max.
15
dBm
Operating temperature range
OTR
-
- 40 °C ... + 85 °C
Storage temperature range
-
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf ***
-95
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fN (MHz).
Generated:
Checked / Approved:
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.


Similar Part No. - TFS281

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS281 VECTRON-TFS281 Datasheet
188Kb / 5P
   Vectron International Filter specification
TFS281A VECTRON-TFS281A Datasheet
149Kb / 5P
   Vectron International Filter specification
TFS281A VECTRON-TFS281A Datasheet
149Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS281

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com