Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS360L Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS360L
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS360L Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS360L Datasheet HTML 1Page - Vectron International, Inc TFS360L Datasheet HTML 2Page - Vectron International, Inc TFS360L Datasheet HTML 3Page - Vectron International, Inc TFS360L Datasheet HTML 4Page - Vectron International, Inc TFS360L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: tfs 360l.doc
Version 1.4
23.11.2009
Vectron International
Filter specification
TFS 360L
3/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Stability characteristics, reliability
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: three times max.;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
5. ESD
MIL-STD-883E using coupling network of ISO 10605 and EN 6100-4-2
HBM:250V;
This filter is RoHS compliant (2002/95/EG, 2005/618/EG)
Packing
Tape & Reel:
IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min. 300 mm
reel of empty components at start including leader:
min. 500 mm
trailer:
min. 300 mm
Do
D1
P2
P1
Po
Ao
Pull Off Direction
PIN Marker
Typ
Date Code
Ko
t
Tape (all dimensions in mm)
W
: 12,00
Po
:
4,00
Do
:
1,50
E
:
1,75
F
:
5,50
G(min)
:
0,75
P2
:
2,00
P1
:
8,00
D1(min)
:
1,50
Ao
:
5,30
Bo
:
5,30
Ct
:
9,5
A
C
N
W 1
W 2
Reel (all dimensions in mm)
A
:330
W1
: 12,4
W2(max) : 18,4
N(min)
: 50
C
: 13,0
The minimum bending radius is 45 mm.
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.


Similar Part No. - TFS360L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS360A ETC-TFS360A Datasheet
54Kb / 5P
   TELEFILTER Filter Specification
logo
Vectron International, ...
TFS360A VECTRON-TFS360A Datasheet
58Kb / 5P
   Filter Specification
TFS360B VECTRON-TFS360B Datasheet
47Kb / 4P
   Filter Specification
TFS360C VECTRON-TFS360C Datasheet
55Kb / 4P
   SAW Filter Specification
logo
List of Unclassifed Man...
TFS360F ETC-TFS360F Datasheet
38Kb / 5P
   Filter Specification
More results

Similar Description - TFS360L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com