Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2E-SL2-DC24V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # DS2E-SL2-DC24V
Description  HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS2E-SL2-DC24V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  DS2E-SL2-DC24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS2E-SL2-DC24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS2E-SL2-DC24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DS2E-SL2-DC24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DS2E-SL2-DC24V Datasheet HTML 5Page - Nais(Matsushita Electric Works) DS2E-SL2-DC24V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS
187
TYPICAL APPLICATIONS
• Telecommunication equipment
• Office equipment
• Computer peripherals
• Security equipment
• Measuring instrumentation
ORDERING INFORMATION
Contact
arrangement
2
Ex DS
1: 1 Form C
2: 2 Form C
4: 4 Form C
*Reverse polarity types available (add suffix-R). Standard packing: Carton: 50 pcs.; Case: 500 pcs.
E
M
R
*
L2
DC 48 V
Coil voltage
DC 1.5, 3,
5, 6, 9, 12,
24, 48 V
Classification
of type
E: Amber
sealed type
Sensitivity
M: 400 mW nominal
operating power
S: 200 mW nominal
operating power
Operating function
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
TYPES
Single side stable
1 coil latching
2 coil latching
Notes:
1. Reverse polarity types available (add suffix-R).
2. Standard packing: carton: 50 pcs.; case: 500 pcs.
Nominal Voltage, V DC
Part No.
1 Form C
2 Form C
4 Form C
M
(400 mW)
type
1.5
DS1E-M-DC1.5V
DS2E-M-DC1.5V
DS4E-M-DC1.5V
3
DS1E-M-DC3V
DS2E-M-DC3V
DS4E-M-DC3V
5
DS1E-M-DC5V
DS2E-M-DC5V
DS4E-M-DC5V
6
DS1E-M-DC6V
DS2E-M-DC6V
DS4E-M-DC6V
9
DS1E-M-DC9V
DS2E-M-DC9V
DS4E-M-DC9V
12
DS1E-M-DC12V
DS2E-M-DC12V
DS4E-M-DC12V
24
DS1E-M-DC24V
DS2E-M-DC24V
DS4E-M-DC24V
48
DS1E-M-DC48V
DS2E-M-DC48V
DS4E-M-DC48V
S
(200 mW)
type
1.5
DS1E-S-DC1.5V
DS2E-S-DC1.5V
DS4E-S-DC1.5V
3
DS1E-S-DC3V
DS2E-S-DC3V
DS4E-S-DC3V
5
DS1E-S-DC5V
DS2E-S-DC5V
DS4E-S-DC5V
6
DS1E-S-DC6V
DS2E-S-DC6V
DS4E-S-DC6V
9
DS1E-S-DC9V
DS2E-S-DC9V
DS4E-S-DC9V
12
DS1E-S-DC12V
DS2E-S-DC12V
DS4E-S-DC12V
24
DS1E-S-DC24V
DS2E-S-DC24V
DS4E-S-DC24V
48
DS1E-S-DC48V
DS2E-S-DC48V
DS4E-S-DC48V
Nominal Voltage, V DC
Part No.
1 Form C
2 Form C
4 Form C
M
(180 mW)
type
1.5
DS1E-ML-DC1.5V
DS2E-ML-DC1.5V
DS4E-ML-DC1.5V
3
DS1E-ML-DC3V
DS2E-ML-DC3V
DS4E-ML-DC3V
5
DS1E-ML-DC5V
DS2E-ML-DC5V
DS4E-ML-DC5V
6
DS1E-ML-DC6V
DS2E-ML-DC6V
DS4E-ML-DC6V
9
DS1E-ML-DC9V
DS2E-ML-DC9V
DS4E-ML-DC9V
12
DS1E-ML-DC12V
DS2E-ML-DC12V
DS4E-ML-DC12V
24
DS1E-ML-DC24V
DS2E-ML-DC24V
DS4E-ML-DC24V
48
DS1E-ML-DC48V
DS2E-ML-DC48V
DS4E-ML-DC48V
S
(90 mW)
type
1.5
DS1E-SL-DC1.5V
DS2E-SL-DC1.5V
DS4E-SL-DC1.5V
3
DS1E-SL-DC3V
DS2E-SL-DC3V
DS4E-SL-DC3V
5
DS1E-SL-DC5V
DS2E-SL-DC5V
DS4E-SL-DC5V
6
DS1E-SL-DC6V
DS2E-SL-DC6V
DS4E-SL-DC6V
9
DS1E-SL-DC9V
DS2E-SL-DC9V
DS4E-SL-DC9V
12
DS1E-SL-DC12V
DS2E-SL-DC12V
DS4E-SL-DC12V
24
DS1E-SL-DC24V
DS2E-SL-DC24V
DS4E-SL-DC24V
48
DS1E-SL-DC48V
DS2E-SL-DC48V
DS4E-SL-DC48V
Nominal Voltage, V DC
Part No.
1 Form C
2 Form C
4 Form C
M
(360 mW)
type
1.5
DS1E-ML2-DC1.5V
DS2E-ML2-DC1.5V
DS4E-ML2-DC1.5V
3
DS1E-ML2-DC3V
DS2E-ML2-DC3V
DS4E-ML2-DC3V
5
DS1E-ML2-DC5V
DS2E-ML2-DC5V
DS4E-ML2-DC5V
6
DS1E-ML2-DC6V
DS2E-ML2-DC6V
DS4E-ML2-DC6V
9
DS1E-ML2-DC9V
DS2E-ML2-DC9V
DS4E-ML2-DC9V
12
DS1E-ML2-DC12V
DS2E-ML2-DC12V
DS4E-ML2-DC12V
24
DS1E-ML2-DC24V
DS2E-ML2-DC24V
DS4E-ML2-DC24V
48
DS1E-ML2-DC48V
DS2E-ML2-DC48V
DS4E-ML2-DC48V
S
(180 mW)
type
1.5
DS1E-SL2-DC1.5V
DS2E-SL2-DC1.5V
DS4E-SL2-DC1.5V
3
DS1E-SL2-DC3V
DS2E-SL2-DC3V
DS4E-SL2-DC3V
5
DS1E-SL2-DC5V
DS2E-SL2-DC5V
DS4E-SL2-DC5V
6
DS1E-SL2-DC6V
DS2E-SL2-DC6V
DS4E-SL2-DC6V
9
DS1E-SL2-DC9V
DS2E-SL2-DC9V
DS4E-SL2-DC9V
12
DS1E-SL2-DC12V
DS2E-SL2-DC12V
DS4E-SL2-DC12V
24
DS1E-SL2-DC24V
DS2E-SL2-DC24V
DS4E-SL2-DC24V
48
DS1E-SL2-DC48V
DS2E-SL2-DC48V
DS4E-SL2-DC48V


Similar Part No. - DS2E-SL2-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS2E-SL2-DC24V PANASONIC-DS2E-SL2-DC24V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
DS2E-SL2-DC24V PANASONIC-DS2E-SL2-DC24V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
More results

Similar Description - DS2E-SL2-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AG252944 PANASONIC-AG252944 Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
   2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Omron Electronics LLC
G5V1 OMRON-G5V1 Datasheet
314Kb / 4P
   Ultra-miniature, Highly Sensitive SPDT Relay for Signal Circuits
logo
MERITEK ELECTRONICS COR...
CRSW MERITEK-CRSW Datasheet
605Kb / 4P
   Surge Withstanding Chip Resistor
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
   Highly sensitive triggering levels
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com