Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRX-330 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GRX-330
Description  Automotive SM Crystal (AEC-Q200)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GRX-330 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GRX-330 Datasheet HTML 1Page - Golledge Electronics Ltd GRX-330 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Information
GRX-330
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
08 Oct 2015
Composition
Construction
Ceramic body with gold-plated pads
Metal lid, seam sealed
Soldering Profile
Maximum solder resistance: 260°C x 10 secs x 2.
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2011/65/EU
2011/65/EU
200
100
0
°C
Time
5°C/s max
5°C/s max
60~90s max
50~60s max
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
Tape & Reel Specification
4.0
1.75
1.50Ø
12.0
±0.3
4.0
2.8
5.5
±0.05
3.0
12.4
13Ø
330Ø
100Ø
1.1
1.50
20.2Ø
120°
2.0
FEED
+2.0
-0.0
3.8
0.3
±0.05
Production quantities supplied on T&R, 3k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated.
FREQUENCY
S DC
Marking type: Laser
DC = Date code in YM, eg “DE” = May 2014
Marking
A
B
C
D
E
F
G
H
J
K
L
M
Y
1
2
3
4
5
6
7
8
9
0
M Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec


Similar Part No. - GRX-330

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GRX-330 GOLLEDGE-GRX-330 Datasheet
593Kb / 5P
   Automotive Crystal
GRX-330 GOLLEDGE-GRX-330_18 Datasheet
593Kb / 5P
   Automotive Crystal
More results

Similar Description - GRX-330

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GRX-530 GOLLEDGE-GRX-530 Datasheet
171Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-220 GOLLEDGE-GRX-220 Datasheet
167Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-320 GOLLEDGE-GRX-320 Datasheet
168Kb / 2P
   Automotive SM Crystal (AEC-Q200)
GRX-315 GOLLEDGE-GRX-315 Datasheet
169Kb / 2P
   Automotive Watch Crystal (AEC-Q200)
logo
Abracon Corporation
ABH4A ABRACON-ABH4A Datasheet
895Kb / 2P
   AEC-Q200 COMPLIANT GLASS SEALED AUTOMOTIVE GRADE SMD CRYSTAL
02.19.10
logo
Shanghai Leiditech Elec...
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
   AEC-Q200 Automotive Grade Certified
logo
ECS, Inc.
ECS-327ATQMV ECS-ECS-327ATQMV Datasheet
923Kb / 2P
   SMD AEC-Q200 MultiVolt™ Crystal Oscillator
Rev. 2022
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
   AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
   AEC-Q200 qualified
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com