Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSX-323 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-323
Description  SM Crystal for Wireless
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-323 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-323_15 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-323_15 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM Crystal for Wireless
GSX-323
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
29 Jul 2015
SOLDER PAD LAYOUT
TOP VIEW
2.50
±0.10
2.00
±0.10
0.60
(max)
0.90
0.60
1.00
0.20
1.00
1.20
1.20
0.40
12
43
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
1
4
2
3
Frequency
Specification
IC
Part No
Part No, or product name + option codes + frequency
eg:
GSX-323/111NF 16.0MHz 10/10/10/9-F
GSX-323/1P3AF 26.0MHz 10/15/30/10-F
Option code X (eg GSX-323/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+80°C.
Check with our sales office before ordering.
Product
GSX-323
Option
Codes
Parameters
Standard. Optional - Please specify required code(s) when ordering
Specifications
Features
Ultra-miniature for maximum space saving
Ideal for Bluetooth / Wireless applications
Metal lid can be grounded to minimise EMI
Seam sealed for excellent long-term stability
Bluetooth Applications
*Designed for use with CSR chipset solutions. Golledge is a global supply partner for CSR
16.0MHz
9pF, 9ppm/pF typ pullability
CSR
MA07246*
26.0MHz
9pF, 14ppm/pF typ pullability
CSR
MA07232*
2011/65/EU
Frequency range:
12.0 ~ 54.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
Other values
specify
Storage temperature range:
-40 to +85°C
Circuit condition:
8pF
M
9pF
N
12pF
B
16pF
D
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental

F
Equivalent series resistance:
150Ω (12.0 ~ 15.9MHz)
100Ω (16.0 ~ 19.9MHz)
60Ω (20.0 ~ 29.9MHz)
50Ω (30.0 ~ 34.9MHz)
40Ω (35.0 ~ 54.0MHz)
Ageing:
±1ppm max first year
Test drive level:
10μW typ
Soldering condition:
260°C, 10sec x2 max


Similar Part No. - GSX-323_15

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-323111NF GOLLEDGE-GSX-323111NF Datasheet
83Kb / 2P
   SM crystal for Bluetooth / wireless
More results

Similar Description - GSX-323_15

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-223 GOLLEDGE-GSX-223 Datasheet
166Kb / 2P
   SM Crystal for Wireless
GSX-321 GOLLEDGE-GSX-321 Datasheet
168Kb / 2P
   SM Crystal for Wireless
GSX433 GOLLEDGE-GSX433 Datasheet
113Kb / 2P
   SM Crystal for Bluetooth / Wireless
GSX533 GOLLEDGE-GSX533 Datasheet
112Kb / 2P
   SM Crystal for Bluetooth / wireless
GSX333 GOLLEDGE-GSX333 Datasheet
86Kb / 2P
   SM crystal for Bluetooth / Wireless
GSX323 GOLLEDGE-GSX323 Datasheet
83Kb / 2P
   SM crystal for Bluetooth / wireless
CC2A-T1AH GOLLEDGE-CC2A-T1AH_18 Datasheet
554Kb / 5P
   SM Crystal for extreme environments
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
   SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
   SM Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com