Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS850D Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS850D
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS850D Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS850D Datasheet HTML 1Page - Vectron International, Inc TFS850D Datasheet HTML 2Page - Vectron International, Inc TFS850D Datasheet HTML 3Page - Vectron International, Inc TFS850D Datasheet HTML 4Page - Vectron International, Inc TFS850D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 850d.doc
Version 1.1
11.04.2011
Vectron International
Filter specification
TFS 850D
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 850 MHz without any tolerance or limit.
The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss in PB
ae
2.0
MHz
max.
3.0
dB
Nominal frequency
fN
850.0
MHz
Passband
PB
fN
±
0.5
MHz
Bandwidth
BW
3
dB
13
MHz
min.
6
MHz
40
dB
23
MHz
max.
28
MHz
Absolute attenuation
aabs
0.3
MHz
834
MHz
43
MHz
min.
40
dB
866
MHz
… 1500
MHz
44
MHz
min.
40
dB
Group delay ripple within PB
10
ns
max.
60
ns
Return loss within PB
18
dB
min.
10
dB
Operating temperature range
OTR
-
- 45 °C ... + 85°C
Storage temperature range
-
- 45 °C ... + 85°C
Temperature coefficient of frequency
TCf *
-35
ppm/K
*) ∆fc(Hz) = Tcf(ppm/K) x (T - To) x fo (MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS850D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS850 VECTRON-TFS850 Datasheet
225Kb / 5P
   Filter specification
TFS850B VECTRON-TFS850B Datasheet
95Kb / 5P
   Vectron International Filter specification
TFS850C VECTRON-TFS850C Datasheet
88Kb / 5P
   Vectron International Filter specification
TFS850E VECTRON-TFS850E Datasheet
89Kb / 5P
   Vectron International Filter specification
TFS850F VECTRON-TFS850F Datasheet
94Kb / 5P
   VI TELEFILTER Filter specification
More results

Similar Description - TFS850D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com