Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP80SL400AI Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP80SL400AI
Description  Fast Switching Characteristic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP80SL400AI Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP80SL400AI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP80SL400AI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP80SL400AI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP80SL400AI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP80SL400AI Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
800
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=5A
-
-
0.4
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
5
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
14
-
S
IDSS
Drain-Source Leakage Current
VDS=640V, VGS=0V
-
-
100
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=11A
-
56
90
nC
Qgs
Gate-Source Charge
VDS=640V
-
16
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
21
-
nC
td(on)
Turn-on Delay Time
VDD=400V
-
23
-
ns
tr
Rise Time
ID=5A
-
23
-
ns
td(off)
Turn-off Delay Time
RG=7.5Ω
-70
-
ns
tf
Fall Time
VGS=10V
-
18
-
ns
Ciss
Input Capacitance
VGS=0V
-
2430
3888
pF
Coss
Output Capacitance
VDS=100V
-
60
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
4
-
pF
Rg
Gate Resistance
f=1.0MHz
-
4.3
8.6
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=5A, VGS=0V
-
0.8
-
V
trr
Reverse Recovery Time
IS=10A, VGS=0V
-
400
-
ns
Qrr
Reverse Recovery Charge
dI/dt=50A/µs
-
4
-
µC
Notes:
1.Pulse width limited by max. junction temperature.
2.Pulse test
3.Limited by max. junction temperature. Maximum duty cycle D=0.75
4.Ensure that the junction temperature does not exceed TJmax..
5.Starting Tj=25
oC , V
DD=50V , L=150mH , RG=25Ω
6.ISD ≦ ID, VDD ≦ BVDSS, starting TJ = 25
oC
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
AP80SL400AI
2
.


Similar Part No. - AP80SL400AI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP80SL400AP A-POWER-AP80SL400AP Datasheet
69Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP80SL400AS A-POWER-AP80SL400AS Datasheet
68Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP80SL400AI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com