Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN101MMEL Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN101MMEL
Description  Inductor Data Sheet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN101MMEL Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH3NPN101MMEL Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPN101MMEL Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQH3NPN101MME#
# indicates a package specification code.
< List of part numbers with package codes >
LQH3NPN101MMEL
Shape
L size
3.0 ±0.2mm
W size
3.0 ±0.2mm
T size
1.4 ±0.1mm
Size code in inch (mm)
1212 (3030)
Specifications
Inductance
100µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
260mA
Rated current (Itemp) (Based on Temperature
rise)
430mA(Ambient temperature
85℃)
270mA(Ambient temperature
105℃)
Max. of DC resistance
1.908Ω
Avg. of DC resistance
1.59Ω±20%
Self resonance frequency (min.)
3MHz
Operating temperature range (Self-temperature
rise is included)
-40∼125℃
Operating temperature range (Self-temperature
rise is not included)
-40∼105℃
Class of magnetic shield
Magnetic shield of magnetic
powder in resin
Notes
When applied Rated current to the Products, Inductance will be within ±30% of
initial inductance value range.
Keep the temperature (ambient temperature plus self-generation of heat) under
125℃.
When applied Rated current to the Products, temperature rise caused by
self-generated heat shall be limited to 40℃ max.(Ambient temperature 85℃).
When applied Rated current to the Products, temperature rise caused by
self-generated heat shall be limited to 20℃max.(Ambient temperature 85℃ to
105℃).
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
2000
Mass (Typ.)
1 piece
0.051g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/11


Similar Part No. - LQH3NPN101MMEL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN101MM0 MURATA-LQH3NPN101MM0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN101MM0 MURATA-LQH3NPN101MM0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN101MM0L MURATA-LQH3NPN101MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN101MM0p MURATA-LQH3NPN101MM0p Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH3NP_M0 Series (1212 Size)
More results

Similar Description - LQH3NPN101MMEL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TQ1N0W02 MURATA-LQP03TQ1N0W02 Datasheet
70Kb / 2P
   Inductor Data Sheet
LQP03TQ13NJ02 MURATA-LQP03TQ13NJ02 Datasheet
69Kb / 2P
   Inductor Data Sheet
LQP03TQ1N5W02 MURATA-LQP03TQ1N5W02 Datasheet
69Kb / 2P
   Inductor Data Sheet
LQP03TQ1N8C02 MURATA-LQP03TQ1N8C02 Datasheet
68Kb / 2P
   Inductor Data Sheet
LQP03TQ2N6B02 MURATA-LQP03TQ2N6B02 Datasheet
69Kb / 2P
   Inductor Data Sheet
LQP03TQ2N7C02 MURATA-LQP03TQ2N7C02 Datasheet
68Kb / 2P
   Inductor Data Sheet
LQH3NPN3R3MME MURATA-LQH3NPN3R3MME Datasheet
91Kb / 2P
   Inductor Data Sheet
LQH3NPZ6R8MME MURATA-LQH3NPZ6R8MME Datasheet
92Kb / 2P
   Inductor Data Sheet
LQH3NPZ470MME MURATA-LQH3NPZ470MME Datasheet
91Kb / 2P
   Inductor Data Sheet
LQP03TQ0N6B02 MURATA-LQP03TQ0N6B02 Datasheet
70Kb / 2P
   Inductor Data Sheet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com