Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC-C300 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-C300
Description  Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-C300 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-C300 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-C300 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-C300 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Single Board Computers
Dimensions
Unit: mm
EPC-C300
Installation
188
219
204
7.50
Ø9
R1.75
Rear I/O Openings
COM
4 (2 x RS232, 2 x RS232/422/485) 4 (2 x RS232, 2 x RS232/422/485) 4 (2 x RS232, 2 x RS232/422/485)
USB
2
1 (opening 2 ports, but SBC only
support 1 port)
-
Audio
1 (Line out, Line-in, Mic-in )
DIO
1
1
1
Circular cutouts
1
Miscellaneous
LED Indicators
Power, HDD
Control
Power switch
Power Requirement
Power Type
AT
Power input Voltage
12V
Connector type
2-Pole Phoenix DC plug in
Environment
Operating
0 ~ 40° C (32 ~ 104° F), w/o system fan w/ 0.7m/s airflow
Non-operating
- 20~ 60° C (- 4~140° F)
Relative Humidity
40° C @ 95%, Non-Condensing, operating
60° C @ 95%, Non-Condensing, non-operating
Vibration During Operation
With SSD : 5Grms , IEC 60068-2-64, random , 10~500 Hz , 1hr/axis
Shock During Operation
With SSD : 30G , IEC 60068-2-27, half sine , 11 ms duration
Certification
EMC CE/FCC Class A
Physical Characteristics
Mounting
Desk/Wall-mounting, VESA mounting(by request), Din rail mounting (by request)
Dimensions (W x H x D)
System dimension : 188 x 54 x 150 mm
System dimension with mounting bracket : 219 x 58 x 150 mm
Weight
1.11kg (2.44 lb) w/o SBC board
Specifications Cont.


Similar Part No. - EPC-C300

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-C301 ADVANTECH-EPC-C301 Datasheet
2Mb / 6P
   8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-C301C5-S6A1 ADVANTECH-EPC-C301C5-S6A1 Datasheet
2Mb / 6P
   8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-C301C7-S7A1 ADVANTECH-EPC-C301C7-S7A1 Datasheet
2Mb / 6P
   8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-C301EVK-S6A1 ADVANTECH-EPC-C301EVK-S6A1 Datasheet
2Mb / 6P
   8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-C301EVK-S7A1 ADVANTECH-EPC-C301EVK-S7A1 Datasheet
2Mb / 6P
   8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com