Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACK-A004E-02A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ACK-A004E-02A1E
Description  Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACK-A004E-02A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ACK-A004E-02A1E Datasheet HTML 1Page - Advantech Co., Ltd. ACK-A004E-02A1E Datasheet HTML 2Page - Advantech Co., Ltd. ACK-A004E-02A1E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Single Board Computers
Features
EPC-C300
Embedded 3.5" SBC Chassis for
MIO-5250, MIO-5251, MIO-5271
ƒ 3.5" SBC chassis supports front & rear I/O interfaces
ƒ Fanless system with wall-mount & desk mount support; mounting flange is
removable
ƒ Bottom door for access Memory, mPCIe module, mSATA, 2.5" HDD
ƒ Flexible cutouts I/O in the rear bezel up to 4 x COM, 2 x USB, audio
ƒ Easy assembling & maintenance of 2.5" hard disk
ƒ Supports dedicated Advantech 3.5" SBC: MIO-5250, MIO-5251, MIO-5271
Specifications
with MIO-5250
with MIO-5251
with MIO-5271
Processor System
CPU
Intel Atom D2550/N2600
Intel Celeron J1900/ Atom E3845/
E3825
Intel Core i5-4300U/ Celeron
2980U
Frequency
1.86 GHz/ 1.6 GHz
2.0GHz (4c) /1.91GHz
(4c)/1.33GHz (2c)
1.9 GHz (2-Core)/1.6GHz (2-Core)
Max Turbo Frequency
NA
2.42GHz / NA / NA
2.9 GHz/ NA
L2 Cache
1MB
2MB/ 2MB/ 1MB
3MB/2MB
BIOS
AMI EFI 16Mbit
AMI UEFI BIOS at 64Mb
AMI UEFI 128 Mbit
Memory
Technology
DDR3 1066 / 800MHz
DDR3L 1333/ 1333 / 1066MHz
DDR3L 1600/1333MHz
Max. Capacity
up to 4 GB
up to 8 GB
up to 8 GB
Socket
1 x 204-pin SODIMM
Display
Controller
Inntegrated Intel GMA 3600 series
Intel Gen7 graphic engine
Intel HD Graphics 4400/ HD
Graphics (Celeron)
Graphic Engine
DirectX 9 and OpenGL3.0 support
HW Accelerated Decode: MPEG2,
H.264, VC-1
DirectX11, OpenGL3.2,
OpenCL1.2
HW Decode: H.264, MPEG2,
MVC, VC-1, WMV9, MJPEG and
VP8. HW Encode: H.264 (MPEG2
and MVC only for J1900)
DirectX11.1, OpenGL 4.0, and
OpenCL 1.2
Full AVC/VC1/MPEG2 HW
Decode
LVDS
D2550 SKU : 48-bit LVDS2: 1920
x 1200
N2600 SKU : 18/24-bit LVDS1: up
to 1366 x 768
48-bit LVDS up to WUXGA 1920 x
1200 at 60Hz
Supports 3.3/5/12V for VDD
power, 5/12V for inverter
Dual channel 24-bit LVDS, max
resolution up to 1920 x 1200
with 60Hz
VGA
1920 X 1600
2560 x 1600 at 60Hz
Up to 1920 x 1200 with 60 Hz,
eDP*
NA
up to 2560 x 1600 at 60Hz
HDMI/ DisplayPort*
Supports 1920 x 1200, Max data
rate: up to 1.65 Gb/s, Supports
HDMI v1.3 Up to 1080p support
HDMI 1.4a for HD video playback,
1080P at 60Hz , Displayport*, up
to 2560 x 1600 at 60Hz
up to 3200 x 2000 at 60 Hz on
DisplayPort, 4096 x 2304 at 24 Hz
on HDMI
Multi-Display
VGA+LVDS, VGA+HDMI,
HDMI+LVDS
VGA + HDMI/Displayport*, VGA+
LVDS/eDP*, HDMI/Displayport*
+LVDS/eDP
VGA+HDMI/DP*, VGA+LVDS,
HDMI/DP*+LVDS, VGA + HDMI/
DP* + LVDS
Ethernet
Speed
Speed 10/100/1000 Mbps
Controller
Intel 82583V
Intel i210
GbE1: Intel i218, GbE2: Intel i210
Connector
2 x RJ45
Audio
Codec
Realtek ALC892, High Definition
Audio (HD)
Realtek ALC888S, High Definition
Audio (HD)
Realtek ALC888S, High Definition
Audio (HD)
Amplifier
Optional via MIOe
Front I/O Openings
USB
4 (4 x USB2.0)
4 (3 x USB2.0, 1 x USB 3.0)
4 (2 x USB2.0, 2 x USB 3.0)
RJ45
2
2
2
VGA
1
1
1
HDMI/DP
1 HDMI
1 HDMI/DP
1 HDMI/DP
Antenna
2
2
2
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 30-Dec-2015


Similar Part No. - ACK-A004E-02A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACK-A004E-02A1E ADVANTECH-ACK-A004E-02A1E Datasheet
1Mb / 2P
   Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com