Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8837 Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE8837
Description  DUAL CHANNEL LDO REGULATORS WITH ENABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8837 Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE8837_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A
E
TYPICA
0
20
40
60
80
100
2.5
1.18
1.184
1.188
1.192
1.196
1.2
1.204
1.208
1.212
1.216
1.22
2.5
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
0
Advanc
Electron
AL PERFO
V
33.5
V
33.5
IO
50
ced Pow
nics Co
ORMANC
VIN VS. ICCQ
44.5
VIN (V)
C
I
VIN VS. VOUT
44.5
VIN (V)
OUT VS. VOUT
100
IOUT (mA)
wer
orp.
CE CHAR
55.5
Channel1+Channe
IOUT1=IOUT2=0mA
55.5
IOUT=1
150
VIN=5
RACTER
6
el2
0
1
2
3
4
5
6
mA
3
3
3
3
3
3
3
3
200
5V
3
3
ISTICS
2.5
3
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
4
3.2
.25
3.3
.35
3.4
0
VIN VS. Shutdow
3.5
4
VIN (
VIN VS.VO
4.5
VIN
IOUT VS. V
50
1
IOUT
AP
n Current
4.5
5
V)
VEN
OUT
55.5
N (V)
IO
OUT
00
150
(mA)
5
E8837
5.5
6
N1=VEN2=0V
6
OUT=1mA
200
VIN=5V
5
.


Similar Part No. - APE8837_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
More results

Similar Description - APE8837_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8838 A-POWER-APE8838 Datasheet
207Kb / 7P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837 Datasheet
210Kb / 7P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Taiwan Semiconductor Co...
TS9020 TSC-TS9020 Datasheet
396Kb / 6P
   200mA Dual Channel CMOS LDO with Enable Function
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com