Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ34202 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ34202
Description  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ34202 Datasheet HTML 2Page - Texas Instruments LMZ34202 Datasheet HTML 3Page - Texas Instruments LMZ34202 Datasheet HTML 4Page - Texas Instruments LMZ34202 Datasheet HTML 5Page - Texas Instruments LMZ34202 Datasheet HTML 6Page - Texas Instruments LMZ34202 Datasheet HTML 7Page - Texas Instruments LMZ34202 Datasheet HTML 8Page - Texas Instruments LMZ34202 Datasheet HTML 9Page - Texas Instruments LMZ34202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
LMZ34202
SNVSAJ2 – MARCH 2016
www.ti.com
Product Folder Links: LMZ34202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The minimum PVIN is 4.5 V or (VOUT / 0.75), whichever is greater. For VOUT = 3.3 V, the minimum PVIN is 4.75 V when IOUT > 1.5 A.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
Guaranteed by design. Not production tested.
6.5 Electrical Characteristics
Over -40°C to +105°C free-air temperature, PVIN = 24 V, VOUT = 5 V, IOUT = IOUT max, ƒsw = 500 kHz,
CIN1 = 1 x 10-µF, 100-V 1210 ceramic, CIN2 = 1 x 100-µF 100-V electrolytic bulk, and COUT = 3 x 47-µF, 16-V 1210 ceramic
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (PVIN)
PVIN
Input voltage range
Over IOUT range
4.5(1)
42
V
UVLO
PVIN undervoltage lockout
PVIN increasing
3.2
3.8
V
PVIN decreasing
2.8
V
OUTPUT VOLTAGE
VOUT (ADJ)
Output voltage adjust range
Over IOUT range
2.5
7.5
V
VOUT
Set-point voltage tolerance
TA = 25°C, IOUT = 200 mA
±0.7
±1.5(2)
%
Temperature variation
-40°C
≤ TA ≤ 105°C, IOUT = 0 A
±0.9
%
Line regulation
TA = 25°C, Over PVIN range, IOUT = 300 mA
±0.1
%
Load regulation
TA = 25°C, IOUT = 300 mA to IOUT max
±0.3
%
Total output voltage variation
Includes set-point, line, load, and temperature
±2
%
VOUT ripple
Output voltage ripple
20-MHz Bandwidth
10
mV/pp
OUTPUT CURRENT
IOUT
Output current
TA = 105°C, natural convection
0
1.5
A
IOUT
Output current
TA = 105°C, 200LFM
0
2
A
IOUT
Output current
TA = 95°C, natural convection
0
2
A
ILIM
Overcurrent threshold
2.5
A
PERFORMANCE
η
Efficiency
PVIN = 12 V
IOUT = 1 A
VOUT = 7.5 V; ƒSW = 400 kHz
95
%
VOUT = 5 V; ƒSW = 200 kHz
93
%
VOUT = 5 V; ƒSW = 500 kHz
92
%
VOUT = 3.3 V; ƒSW= 200 kHz
90
%
VOUT = 2.5 V; ƒSW = 200 kHz
87
%
PVIN = 24 V
IOUT = 1 A
VOUT = 7.5 V; ƒSW = 400 kHz
92
%
VOUT = 5 V; ƒSW= 250 kHz
90
%
VOUT = 5 V; ƒSW= 500 kHz
88
%
VOUT = 3.3 V; ƒSW = 250 kHz
86
%
VOUT = 2.5 V; ƒSW = 250 kHz
81
%
Transient response
IOUT = 50%
load step
1 A/µs slew rate
Recovery time
100
µs
Over/Undershoot
2
%
SLOW START
TSS
Internal slow start time
SS/TR pin open
4.1
ms
INHIBIT
VINH (high)
Inhibit control
Precision inhibit level
2.00
2.1
2.42
V
VINH (low)
Inhibit turn-off hysteresis
-0.294
V
II (shutdown) Input shutdown supply current
INH/UVLO pin conected to AGND
2.4
6.2(3)
µA
POWER GOOD (PWRGD)
VPWRGD
PWRGD thresholds
VOUT rising
Good
95
%
Fault
110
%
VOUT falling
Fault
90
%
Good
105
%


Similar Part No. - LMZ34202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

Similar Description - LMZ34202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com