Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ34202RVQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ34202RVQR
Description  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202RVQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ34202RVQR Datasheet HTML 6Page - Texas Instruments LMZ34202RVQR Datasheet HTML 7Page - Texas Instruments LMZ34202RVQR Datasheet HTML 8Page - Texas Instruments LMZ34202RVQR Datasheet HTML 9Page - Texas Instruments LMZ34202RVQR Datasheet HTML 10Page - Texas Instruments LMZ34202RVQR Datasheet HTML 11Page - Texas Instruments LMZ34202RVQR Datasheet HTML 12Page - Texas Instruments LMZ34202RVQR Datasheet HTML 13Page - Texas Instruments LMZ34202RVQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Output Current (A)
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
D015
VOUT = 7.5 V, fSW = 400 kHz
VOUT = 5.0 V, fSW = 250 kHz
VOUT = 3.3 V, fSW = 250 kHz
VOUT = 2.5 V, fSW = 250 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
30
40
50
60
70
80
90
100
D013
VOUT = 7.5 V, fSW = 400 kHz
VOUT = 5.0 V, fSW = 250 kHz
VOUT = 3.3 V, fSW = 250 kHz
VOUT = 2.5 V, fSW = 250 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
D014
VOUT = 7.5 V, fSW = 400 kHz
VOUT = 5.0 V, fSW = 250 kHz
VOUT = 3.3 V, fSW = 250 kHz
VOUT = 2.5 V, fSW = 250 kHz
10
LMZ34202
SNVSAJ2 – MARCH 2016
www.ti.com
Product Folder Links: LMZ34202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, unless otherwise noted.
PVIN = 36V
Figure 13. Efficiency vs Output Current
PVIN = 36 V
Figure 14. Power Dissipation vs Output Current
PVIN = 36 V
Figure 15. Voltage Ripple vs Output Current


Similar Part No. - LMZ34202RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

Similar Description - LMZ34202RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com