Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27761 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM27761
Description  Low-Noise Regulated Switched-Capacitor Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27761 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM27761 Datasheet HTML 2Page - Texas Instruments LM27761 Datasheet HTML 3Page - Texas Instruments LM27761 Datasheet HTML 4Page - Texas Instruments LM27761 Datasheet HTML 5Page - Texas Instruments LM27761 Datasheet HTML 6Page - Texas Instruments LM27761 Datasheet HTML 7Page - Texas Instruments LM27761 Datasheet HTML 8Page - Texas Instruments LM27761 Datasheet HTML 9Page - Texas Instruments LM27761 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
IOUT (A)
0.001
0.01
0.1
0.25
-1.85
-1.83
-1.81
-1.79
-1.77
-1.75
D006
25°C
85°C
-40°C
IOUT (A)
0.001
0.01
0.1
1
-5.2
-5.15
-5.1
-5.05
-5
-4.95
-4.9
-4.85
-4.8
D007
25°C
85°C
-40°C
VIN (V)
2.7
3.2
3.7
4.2
4.7
5.2
5.5
0
50
100
150
200
250
300
350
400
450
500
D015
25°C
85°C
-40°C
VIN (V)
2.7
3.2
3.7
4.2
4.7
5.2
5.7
0
1
2
3
4
5
6
7
8
9
10
D016
25qC
85qC
-40qC
Output Current (mA)
0
50
100
150
200
250
0
0.5
1
1.5
2
2.5
3
3.5
D001
VIN = 3 V, VOUT = -1.8 V
VIN = 5.5 V, VOUT = -5 V
VIN (V)
2.7
3.2
3.7
4.2
4.7
5.2
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D002
6
LM27761
SNVSA85B – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27761
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Unless otherwise specified, TA = 25°C, VIN = 5 V, and values for C1 to C4 are as shown in the Typical Application.
Figure 1. Output Voltage Ripple vs Output Current
VOUT = –1.8 V
IOUT = 100 mA
Figure 2. Output Voltage Ripple vs Input Voltage
EN = 1
ILOAD = 0 mA
Figure 3. Quiescent Current
EN = 0
Figure 4. Shutdown Current
VIN = 3 V
VOUT = –1.8 V
R1 = 237 k
Ω
R2 = 500 k
Ω
Figure 5. Load Regulation
VIN = 5.5 V
VOUT = –5 V
R1 = 1.54 M
Ω
R2 = 500 k
Ω
Figure 6. Load Regulation


Similar Part No. - LM27761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results

Similar Description - LM27761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com