Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27761 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM27761
Description  Low-Noise Regulated Switched-Capacitor Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27761 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM27761 Datasheet HTML 5Page - Texas Instruments LM27761 Datasheet HTML 6Page - Texas Instruments LM27761 Datasheet HTML 7Page - Texas Instruments LM27761 Datasheet HTML 8Page - Texas Instruments LM27761 Datasheet HTML 9Page - Texas Instruments LM27761 Datasheet HTML 10Page - Texas Instruments LM27761 Datasheet HTML 11Page - Texas Instruments LM27761 Datasheet HTML 12Page - Texas Instruments LM27761 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
VIN
C1+
GND
C1-
CPOUT
Current Limit
VOUT
VFB
Negative
Bandgap
EN
LPF
2-MHz
Oscillator
Switch Array Switch
Drivers
Reference
LPF
LDO
9
LM27761
www.ti.com
SNVSA85B – OCTOBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM27761
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM27761 regulated charge-pump voltage converter inverts a positive voltage in the range of 2.7 V to 5.5 V
to a negative voltage in the range of –1.5 V to –5 V. The negative LDO (low drop-out regulator), at the output of
the charge-pump voltage converter, allows the device to provide a very low noise output, low output-voltage
ripple, high PSRR, and low line and load transient responses. The output is externally configurable with gain-
setting resistors. The LM27761 uses four low-cost capacitors to deliver up to 250 mA of output current.
7.2 Functional Block Diagram


Similar Part No. - LM27761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results

Similar Description - LM27761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com