Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS544B20 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS544B20
Description  Synchronous Buck Converters
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544B20 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS544B20_16 Datasheet HTML 7Page - Texas Instruments TPS544B20_16 Datasheet HTML 8Page - Texas Instruments TPS544B20_16 Datasheet HTML 9Page - Texas Instruments TPS544B20_16 Datasheet HTML 10Page - Texas Instruments TPS544B20_16 Datasheet HTML 11Page - Texas Instruments TPS544B20_16 Datasheet HTML 12Page - Texas Instruments TPS544B20_16 Datasheet HTML 13Page - Texas Instruments TPS544B20_16 Datasheet HTML 14Page - Texas Instruments TPS544B20_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
6.480
6.485
6.490
6.495
6.500
6.505
6.510
6.515
6.520
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C005
3.220
3.225
3.230
3.235
3.240
3.245
3.250
3.255
3.260
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C006
595
596
597
598
599
600
601
602
603
604
605
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C009
5.0
5.5
6.0
6.5
7.0
7.5
8.0
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
Vdd = 4.5 V
Vdd = 12 V
Vdd = 18 V
C001
V
VDD = 4.5 V
V
VDD = 12 V
V
VDD = 18 V
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
6.25
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C008
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
±50
±25
0
25
50
75
100
125
150
Junction Temperature (£C)
C007
11
TPS544B20, TPS544C20
www.ti.com
SLUSB69A – MAY 2014 – REVISED FEBRUARY 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
VIN = VDD = 12 V, TA = 25 ºC, RRT = 38.3 kΩ (unless otherwise specified). Safe operating area curves were measured using a
Texas Instruments Evaluation Module.
Figure 1. Low-Side MOSFET On-Resistance (RDS(on)) vs.
Junction Temperature
Figure 2. High-Side MOSFET On-Resistance (RDS(on)) vs.
Junction Temperature
Figure 3. Feedback Voltage vs. Junction Temperature
Figure 4. Non-Switching Input Current (IVDD) vs. Junction
Temperature
IBP6 = 25 mA
Figure 5. BP6 Voltage vs. Junction Temperature
IBP3 = 5 mA
Figure 6. BP3 Voltage vs. Junction Temperature


Similar Part No. - TPS544B20_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
More results

Similar Description - TPS544B20_16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80020 INTERSIL-ISL80020 Datasheet
708Kb / 16P
   Compact Synchronous Buck Converters
June 5, 2015
logo
Renesas Technology Corp
ISL80020 RENESAS-ISL80020 Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com