Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56920PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56920PWPR
Description  Synchronous Step-Down Voltage Regulator with Voltage Scaling
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56920PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS56920PWPR Datasheet HTML 4Page - Texas Instruments TPS56920PWPR Datasheet HTML 5Page - Texas Instruments TPS56920PWPR Datasheet HTML 6Page - Texas Instruments TPS56920PWPR Datasheet HTML 7Page - Texas Instruments TPS56920PWPR Datasheet HTML 8Page - Texas Instruments TPS56920PWPR Datasheet HTML 9Page - Texas Instruments TPS56920PWPR Datasheet HTML 10Page - Texas Instruments TPS56920PWPR Datasheet HTML 11Page - Texas Instruments TPS56920PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
TPS56C20, TPS56920, TPS56720, TPS56520
SLVSCB6D – NOVEMBER 2013 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VIN=4.5V to 17V, PVIN=4.5V to 17V (Unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Ensured by design. Not production tested.
LOGIC THRESHOLD
VENH
EN H-level threshold voltage
1.85
V
VENL
EN L-level threshold voltage
0.6
V
CURRENT LIMIT(1)
IOCL
Current Limit TPS56520
LOUT= 1.5µH
5.6
9
A
Current Limit TPS56720
LOUT= 1.5µH
7.8
12
A
Current Limit TPS56920
LOUT= 1.5µH
10
15
A
Current Limit TPS56C20
LOUT= 1.5µH
13.2
20
A
IOCLR
Reverse Current Limit TPS56520
LOUT= 1.5µH
1.25
5.3
A
Reverse Current Limit TPS56720
LOUT= 1.5µH
1.75
6.5
A
Reverse Current Limit TPS56920
LOUT= 1.5µH
2.25
6.2
A
Reverse Current Limit TPS56C20
LOUT= 1.5µH
3
8.2
A
OUTPUT UNDERVOLTAGE PROTECTION (UVP)
VOVP
Output OVP trip threshold
OVP detect (L>H)
125%
VOUT
VUVP
Output UVP trip threshold
UVP detect (H>L)
60%
VOUT
THERMAL SHUTDOWN
TSDN
Thermal shutdown Threshold
Shutdown temperature(1)
160
°C
Hysteresis(1)
23
°C
Pre-thermal warning threshold
130
°C
UVLO
UVLO
UVLO Threshold
Wake up to VREG5 voltage
3.45
3.9
4.2
V
Hysteresis VREG5 voltage
0.45
0.56
0.61
V


Similar Part No. - TPS56920PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS56921PWP TI-TPS56921PWP Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS56921PWPR TI-TPS56921PWPR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
More results

Similar Description - TPS56920PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
   800mA Voltage-Scaling Step-Down Converter
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Infineon Technologies A...
TLE6365 INFINEON-TLE6365_07 Datasheet
285Kb / 18P
   Step Down Voltage Regulator with Reset
Rev. 1.9, 2007-07-30
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com