Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54334DRCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54334DRCR
Description  Synchronous Step-Down Voltage Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54334DRCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54334DRCR Datasheet HTML 6Page - Texas Instruments TPS54334DRCR Datasheet HTML 7Page - Texas Instruments TPS54334DRCR Datasheet HTML 8Page - Texas Instruments TPS54334DRCR Datasheet HTML 9Page - Texas Instruments TPS54334DRCR Datasheet HTML 10Page - Texas Instruments TPS54334DRCR Datasheet HTML 11Page - Texas Instruments TPS54334DRCR Datasheet HTML 12Page - Texas Instruments TPS54334DRCR Datasheet HTML 13Page - Texas Instruments TPS54334DRCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ERROR
AMPLIFIER
Boot
Charge
Current
Sense
Slope
Compensation
Maximum
Clamp
Voltage
Reference
Overload
Recovery
VSENSE
COMP
BOOT
GND
Thermal
Hiccup
EN
Enable
Comparator
Shutdown
Logic
Enable
Threshold
EXPOSED THERMAL PAD
Power Stage
& Deadtime
Control
Logic
OV
Minimum Clamp
Pulse Skip
Ip
Ih
VIN
HS MOSFET
Current
Comparator
Current
Sense
Regulator
VIN
Boot
UVLO
SW
Hiccup
Shutdown
Hiccup
Shutdown
LS MOSFET
Current Limit
Oscillator
UVLO
UV
Logic
PGOOD
Shutdown
10
TPS54334
SLUSC26A – MAY 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54334
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Fixed Frequency PWM Control
The device uses a fixed frequency, peak current mode control. The output voltage is compared through external
resistors on the VSENSE pin to an internal voltage reference by an error amplifier which drives the COMP pin.
An internal oscillator initiates the turn on of the high side power switch. The error amplifier output is compared to
the high side power switch current. When the power switch current reaches the COMP voltage level the high side
power switch is turned off and the low side power switch is turned on. The COMP pin voltage increases and
decreases as the output current increases and decreases. The device implements a current limit by clamping the
COMP pin voltage to a maximum level and also implements a minimum clamp for improved transient response
performance.
7.3.2 Light Load Operation
The device monitors the peak switch current of the high-side MOSFET. Once the peak switch current is lower
than typically 0.5A, the device stops switching to boost the efficiency until the peak switch current is again higher
than typically 0.5A.


Similar Part No. - TPS54334DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54334 TI-TPS54334_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS54334 4.2-V to 28-V Input Voltage, 3-A Output Current Synchronous SWIFT??Step-Down Voltage Converter
More results

Similar Description - TPS54334DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com