Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57060QDRCRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57060QDRCRQ1
Description  Step-Down DC-DC Converter With
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57060QDRCRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS57060QDRCRQ1 Datasheet HTML 1Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 2Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS57060QDRCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
PH
GND
COMP
VSENSE
BOOT
VIN
EN
SS/TR
1
2
3
4
10
9
8
7
4
PWRGD
RT/CLK
6
5
Thermal
Pad
(11)
PH
GND
COMP
VSENSE
BOOT
VIN
EN
SS/TR
1
2
3
4
10
9
8
7
4
PWRGD
RT/CLK
6
5
Thermal
Pad
(11)
3
TPS57060-Q1
www.ti.com
SLVSAP2C – DECEMBER 2010 – REVISED FEBRUARY 2016
Product Folder Links: TPS57060-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGQ Package
10-Pin MSSOP PowerPAD
Top View
DRC Package
10-Pin VSON With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BOOT
1
O
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the
minimum required by the output device, the output is forced to switch off until the capacitor is refreshed.
COMP
8
O
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
components to this pin.
EN
3
I
Enable pin, internal pullup current source. Pull below 1.2 V to disable. Float to enable. Adjust the input
undervoltage lockout with two resistors.
GND
9
Ground
PH
10
I
The source of the internal high-side power MOSFET.
PWRGD
6
O
An open drain output, asserts low if output voltage is low due to thermal shutdown, dropout, overvoltage or
EN shut down.
RT/CLK
5
I
Resistor Timing and External Clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to set the switching frequency. If the pin is pulled above the PLL upper threshold,
a mode change occurs and the pin becomes a synchronization input. The internal amplifier is disabled and
the pin is a high impedance clock input to the internal PLL. If clocking edges stop, the internal amplifier is re-
enabled and the mode returns to a resistor set function.
SS/TR
4
I
Slow-start and Tracking. An external capacitor connected to this pin sets the output rise time. Because the
voltage on this pin overrides the internal reference, it can be used for tracking and sequencing.
VIN
2
I
Input supply voltage, 3.5 V to 60 V.
VSENSE
7
I
Inverting node of the transconductance (gm) error amplifier.
PowerPAD
11
GND pin must be electrically connected to the exposed pad on the printed circuit board for proper operation.


Similar Part No. - TPS57060QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results

Similar Description - TPS57060QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com