Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3880MFX-1AD Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3880MFX-1AD
Description  Simple Power Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3880MFX-1AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3880MFX-1AD Datasheet HTML 2Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 3Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 4Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 5Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 6Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 7Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 8Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 9Page - Texas Instruments LM3880MFX-1AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
EN
FLAG1
FLAG2
FLAG3
td1
td2
td3
6
LM3880, LM3880-Q1
SNVS451K – AUGUST 2006 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3880 LM3880-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
6.6 Electrical Characteristics
Limits apply to all timing options and VCC = 3.3V, unless otherwise specified. Minimum and Maximum limits apply over the full
Operating Temperature Range (TJ = -40°C to +125°C) and are specified through test, design or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
IQ
Operating Quiescent current
25
80
µA
OPEN-DRAIN FLAGS
IFLAG
FLAGx Leakage Current
VFLAGx = 3.3 V
1
20
nA
VOL
FLAGx Output Voltage Low
IFLAGx = 1.2 mA
0.4
V
POWER-UP SEQUENCE
td1
Timer delay 1 accuracy
All Other Timing Options
–15%
15%
2 ms Timing Option
–20%
20%
td2
Timer delay 2 accuracy
All Other Timing Options
–15%
15%
2 ms Timing Option
–20%
20%
td3
Timer delay 3 accuracy
All Other Timing Options
–15%
15%
2 ms Timing Option
–20%
20%
POWER-DOWN SEQUENCE
td4
Timer delay 4 accuracy
All Other Timing Options
–15%
15%
2 ms Timing Option
–20%
20%
td5
Timer delay 5 accuracy
All Other Timing Options
–15%
15%
2 ms Timing Option
–20%
20%
td6
Timer delay 6 accuracy
All Other Timing Options
–15%
15%
2 ms Timing Option
–20%
20%
TIMING DELAY ERROR
(td(x) – 400
µs) / td(x+1)
Ratio of timing delays
For x = 1 or 4
95%
105%
For x = 1 or 4, 2 ms option
90%
110%
td(x) / td(x+1)
Ratio of timing delays
For x = 2 or 5
95%
105%
For x = 2 or 5, 2 ms option
90%
110%
ENABLE PIN
VEN
EN pin threshold
1.0
1.25
1.4
V
IEN
EN pin pullup current
VEN = 0 V
7
µA
Timing Requirements
Sequence 1: All standard options use this sequence for output flags rise and fall order.
Figure 2. Power-Up Sequence


Similar Part No. - LM3880MFX-1AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3880MFX-1AD NSC-LM3880MFX-1AD Datasheet
283Kb / 12P
   Power Sequencer
More results

Similar Description - LM3880MFX-1AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881 Datasheet
1Mb / 27P
[Old version datasheet]   LM3881 Simple Power Sequencer With Adjustable Timing
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com