Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS81256 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS81256
Description  High Efficiency Step-Up Converter In MicroSiP Packaging
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS81256 Datasheet(HTML) 3 Page - Texas Instruments

  TPS81256_16 Datasheet HTML 1Page - Texas Instruments TPS81256_16 Datasheet HTML 2Page - Texas Instruments TPS81256_16 Datasheet HTML 3Page - Texas Instruments TPS81256_16 Datasheet HTML 4Page - Texas Instruments TPS81256_16 Datasheet HTML 5Page - Texas Instruments TPS81256_16 Datasheet HTML 6Page - Texas Instruments TPS81256_16 Datasheet HTML 7Page - Texas Instruments TPS81256_16 Datasheet HTML 8Page - Texas Instruments TPS81256_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SIP-9
(TOP VIEW)
SIP-9
(BOTTOM VIEW)
C1
C2
C3
B1
B2
B3
GND
GND
VOUT
A1
A3
VOUT
VIN
VIN
A1
A3
B1
B2
B3
VOUT
VIN
VIN
GND
C3
VOUT
GND
C1
C2
A2
EN
A2
EN
3
TPS81256
www.ti.com
SLVSAZ9C – JUNE 2012 – REVISED FEBRUARY 2016
Product Folder Links: TPS81256
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Device Options
PART NUMBER
OUTPUT VOLTAGE
PACKAGE MARKING
CHIP CODE
TPS81256
5.0V
TT
6 Pin Configuration and Functions
SIP Package
9-Pin µSIP
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
B2
I
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown
mode. Pulling this pin high enables the device. This pin must not be left floating and must be
terminated.
GND
A1, A2, B1
Ground pin.
VIN
C1, C2
I
Power supply input.
VOUT
A3, B3, C3
O
Boost converter output.


Similar Part No. - TPS81256_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256_14 Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
More results

Similar Description - TPS81256_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI1-TPS81256_14 Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com