Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS81256SIPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS81256SIPR
Description  High Efficiency Step-Up Converter In MicroSiP Packaging
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS81256SIPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS81256SIPR Datasheet HTML 7Page - Texas Instruments TPS81256SIPR Datasheet HTML 8Page - Texas Instruments TPS81256SIPR Datasheet HTML 9Page - Texas Instruments TPS81256SIPR Datasheet HTML 10Page - Texas Instruments TPS81256SIPR Datasheet HTML 11Page - Texas Instruments TPS81256SIPR Datasheet HTML 12Page - Texas Instruments TPS81256SIPR Datasheet HTML 13Page - Texas Instruments TPS81256SIPR Datasheet HTML 14Page - Texas Instruments TPS81256SIPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
TPS81256
www.ti.com
SLVSAZ9C – JUNE 2012 – REVISED FEBRUARY 2016
Product Folder Links: TPS81256
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Softstart, Enable
The TPS81256 device starts operation when EN is set high and starts up with the soft-start sequence. For proper
operation, the EN pin must be terminated and must not be left floating.
The TPS81256 device has an internal softstart circuit that limits the inrush current during start-up. The first step
in the start-up cycle is the pre-charge phase. During pre-charge, the rectifying switch is turned on until the output
capacitor is charged to a value close to the input voltage. The rectifying switch is current limited (approx. 200mA)
during this phase. This mechanism is used to limit the output current under short-circuit condition.
Once the output capacitor has been biased to the input voltage, the converter starts switching. The soft-start
system progressively increases the on-time as a function of the input-to-output voltage ratio. As soon as the
output voltage is reached, the regulation loop takes control and full current operation is permitted.
Pulling the EN pin low forces the device in shutdown, with a shutdown current of typically 1µA. In this mode, true
load disconnect between the battery and load prevents current flow from VIN to VOUT, as well as reverse flow
from VOUT to VIN.
8.4.2 Load Disconnect and Reverse Current Protection
Regular boost converters do not disconnect the load from the input supply and therefore a connected battery will
be discharge during shutdown. The advantage of TPS81256 is that this converter is disconnecting the output
from the input of the power supply when it is disabled (so called true shutdown mode). In case of a connected
battery it prevents it from being discharge during shutdown of the converter.
8.4.3 Undervoltage Lockout
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and the battery
from excessive discharge. It disables the output stage of the converter once the falling VIN trips the under-voltage
lockout threshold VUVLO which is typically 2.0V. The device starts operation once the rising VIN trips VUVLO
threshold plus its hysteresis of 100 mV at typically 2.1V.
8.4.4 Thermal Regulation
The TPS81256 device contains a thermal regulation loop that monitors the die temperature during the pre-charge
phase. If the die temperature rises to high values of about 110°C, the device automatically reduces the current to
prevent the die temperature from increasing further. Once the die temperature drops about 10°C below the
threshold, the device will automatically increase the current to the target value. This function also reduces the
current during a short-circuit condition.
8.4.5 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 140°C (typically) the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned-off. When the junction temperature falls below the
thermal shutdown minus its hysteresis, the device continuous the operation.


Similar Part No. - TPS81256SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIPR TI1-TPS81256SIPR Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
More results

Similar Description - TPS81256SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI1-TPS81256_14 Datasheet
4Mb / 27P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com