Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82130 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82130
Description  Step-Down Converter MicroSiP Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82130 Datasheet(HTML) 4 Page - Texas Instruments

  TPS82130 Datasheet HTML 1Page - Texas Instruments TPS82130 Datasheet HTML 2Page - Texas Instruments TPS82130 Datasheet HTML 3Page - Texas Instruments TPS82130 Datasheet HTML 4Page - Texas Instruments TPS82130 Datasheet HTML 5Page - Texas Instruments TPS82130 Datasheet HTML 6Page - Texas Instruments TPS82130 Datasheet HTML 7Page - Texas Instruments TPS82130 Datasheet HTML 8Page - Texas Instruments TPS82130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TPS82130
SLVSCY5A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS82130
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Voltage at pins(2)
VIN
-0.3
20
V
EN, SS/TR
-0.3
VIN + 0.3
PG, FB
-0.3
7
VOUT
0
7
Sink current
PG
10
mA
Module operating temperature
–40
125
°C
Storage temperature
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
The module operating temperature range includes module self temperature rise and IC junction temperature rise. In applications where
high power dissipation is present, the maximum operating temperature or maximum output current must be derated. For applications
where the module operates continuously at 125 °C temperature, the maximum lifetime is reduced to 50,000 hours.
7.3 Recommend Operating Conditions
Over operating free-air temperature range, unless otherwise noted.
MIN
MAX
UNIT
VIN
Input voltage
3
17
V
VPG
Power good pull-up resistor voltage
6
V
VOUT
Output voltage
0.9
5
V
IOUT
Output current
0
3
A
TJ
Module operating temperature range for 100,000 hours lifetime(1)
-40
110
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
7.4 Thermal Information
THERMAL METRIC(1)
SIL0008C
UNIT
8-Pin µSiL
RθJA
Junction-to-ambient thermal resistance
71.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
n/a
°C/W
RθJB
Junction-to-board thermal resistance
n/a
°C/W
ψJT
Junction-to-top characterization parameter
1.3
°C/W
ψJB
Junction-to-board characterization parameter
25.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Similar Part No. - TPS82130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82140SIL TI1-TPS82140SIL Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82140SILR TI1-TPS82140SILR Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82140SILT TI1-TPS82140SILT Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results

Similar Description - TPS82130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com