Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3880QMF-1AC Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3880QMF-1AC
Description  Simple Power Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3880QMF-1AC Datasheet(HTML) 1 Page - Texas Instruments

  LM3880QMF-1AC Datasheet HTML 1Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 2Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 3Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 4Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 5Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 6Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 7Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 8Page - Texas Instruments LM3880QMF-1AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
GND
EN
VCC
FLAG 1
FLAG 2
FLAG 3
Enable
Enable
Enable
Power Supply 1
Power Supply 2
Power Supply 3
Input
Supply
Enable
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3880, LM3880-Q1
SNVS451K – AUGUST 2006 – REVISED FEBRUARY 2016
LM3880/LM3880-Q1 Simple Power Sequencer
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade: -40°C to 125°C
Operating Junction Temperature Range
Easiest Method to Sequence Rails
Power-Up and Power-Down Control
Tiny Footprint
Low Quiescent Current of 25 µA
Input Voltage Range of 2.7 V to 5.5 V
Standard Timing Options Available
Customization of Timing and Sequence Available
Through Factory Programmability
2 Applications
Advanced Driver Assistance Systems (ADAS)
Automotive Camera Modules
Security Cameras
Servers
Networking Elements
FPGA Sequencing
Microprocessor and Microcontroller Sequencing
Multiple Supply Sequencing
3 Description
The LM3880 Simple Power Supply Sequencer offers
the easiest method to control power up sequencing
and power down sequencing of multiple Independent
voltage rails. By staggering the startup sequence, it is
possible to avoid latch conditions or large in-rush
currents that can affect the reliability of the system.
Available in a 6-pin SOT-23-6 package, the Simple
Sequencer contains a precision enable pin and three
open-drain
output
flags.
When
the
LM3880
is
enabled, the three output flags will sequentially
release, after individual time delays, thus permitting
the connected power supplies to start up. The output
flags will follow a reverse sequence during power
down to avoid latch conditions.
EPROM capability allows every delay and sequence
to be fully adjustable. Contact Texas Instruments if a
nonstandard configuration is required.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3880
DBV SOT (6)
2.90 mm x 1.60 mm
LM3880-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simple Power Supply Sequencing


Similar Part No. - LM3880QMF-1AC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3880QMF-1AC NSC-LM3880QMF-1AC Datasheet
283Kb / 12P
   Power Sequencer
More results

Similar Description - LM3880QMF-1AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881 Datasheet
1Mb / 27P
[Old version datasheet]   LM3881 Simple Power Sequencer With Adjustable Timing
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com