Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8910 Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE8910
Description  ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8910 Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE8910_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8910_16 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A
E
PIN DES
PIN No.
1, 2
3
4
5
6,7
8,9
10
11
12
13,14
BLOCK
ON1
GND
VBIAS
ON2
Advanc
Electron
SCRIPTIO
PIN S
V
O
VB
O
V
VO
C
G
C
VO
DIAGRA
ced Pow
nics Co
ONS
YMBOL
VIN1
C
ON1
C
BIAS
5
ON2
C
VIN2
C
OUT2
C
CT2
A
GND
G
CT1
A
OUT1
C
AM
Oscillator
Charge
Pump
wer
orp.
Channel 1 in
Channel 1 en
5V bias volta
Channel 2 en
Channel 2 in
Channel 2 ou
A capacitor t
Ground.
A capacitor t
Channel 1 ou
CT
nput, bypass
nable contro
age.
nable contro
nput, bypass
utput.
to ground set
to ground set
utput.
T1
CT2
Control
Logic
PIN DESC
this input wi
ol input, active
ol input, active
this input wi
t the rise tim
t the rise tim
Output1 D
Output2 D
CRIPTION
th a ceramic
e high. Do no
e high. Do no
th a ceramic
e of VOUT2
e of VOUT1
Discharge
Discharge
AP
c capacitor to
ot leave float
ot leave float
c capacitor to
.
.
5
PE8910
o ground.
ting.
ting.
o ground.
VIN1
VOUT1
VIN2
VOUT2
5
.


Similar Part No. - APE8910_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_14 Datasheet
1Mb / 11P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - APE8910_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com