Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD1-B015H05I14 Datasheet(PDF) 4 Page - SICK AG

Part # OD1-B015H05I14
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

OD1-B015H05I14 Datasheet(HTML) 4 Page - SICK AG

  OD1-B015H05I14 Datasheet HTML 1Page - SICK AG OD1-B015H05I14 Datasheet HTML 2Page - SICK AG OD1-B015H05I14 Datasheet HTML 3Page - SICK AG OD1-B015H05I14 Datasheet HTML 4Page - SICK AG OD1-B015H05I14 Datasheet HTML 5Page - SICK AG OD1-B015H05I14 Datasheet HTML 6Page - SICK AG OD1-B015H05I14 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
OD1-B015H05I14 | OD Mini
DISPLACEMENT MEASUREMENT SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Connection type
OD1-BxxxxxxI14 OD1-BxxxxxxU14 4-pin, M8 male connector
2
1
4
3
Connection diagram
OD1-BxxxxxxI14 OD1-BxxxxxxU14 4-pin, M8 male connector
L+ (12 V ... 24 V)
0 V
MF
1
2
3
4
brn
wht
blu
blk
QA
1
①  Multifunctional input (MF)
Adjustment possible
Adjustments
ZERO
RUN
SET
OUT
MANUAL
ZERO
LASER
+
1
5
2
3
4
①  Switching output status indicator
②  Zero offset status indicator
③  Teach mode status indicator
④  Laser status indicator
⑤  Minus sign for measured value indicator


Similar Part No. - OD1-B015H05I14

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD1-B015H05I25 SICK-OD1-B015H05I25 Datasheet
373Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - OD1-B015H05I14

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com