Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU028-1203C4-353H5K2 Datasheet(PDF) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU028-1203C4-353H5K2
Description  CITILED COB Series Standard Type Ra90 Model
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU028-1203C4-353H5K2 Datasheet(HTML) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU028-1203C4-353H5K2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD. CLU028-1203C4-353H5K2 Datasheet HTML 15Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Ref.CE-P3535 02/16
7. Precaution
7-1. Handling with care for this product
-Both the light emitting area and white rim around the light emitting area is composed of resin materials.
Please avoid the resin area from being pressed, stressed, rubbed, come into contact with sharp metal nail
(e.g. edge of reflector part) because the function, performance and reliability of this product are negatively impacted.
-Please be aware that this product should not come into contact with any other parts while incorporating in your lighting
apparatus or your other products.
-Please be aware that careful handling is required after the attachment of lead wires to prevent the application of any load
to the connections.
-For more information, please refer to application note "Instruction Manual(COB LED Package)".
7-2. Countermeasure against static electricity
-Handling of this product needs countermeasures against static electricity because this is a semiconductor product.
-Please take adequate measures to prevent any static electricity being produced such as the wearing of a wristband or
anti-static gloves when handling this product.
-Every manufacturing facility in regard to the product (plant, equipment, machine, carrier machine and conveyance unit)
should be connected to ground and please avoid the product to be electric-charged.
-ESD sensitivity of this product is over 1000V (HBM, based on JEITA ED-4701/304).
-After assembling the LEDs into your final product(s), it is recommended to check whether the assembled LEDs are
damaged by static electricity (electrical leak phenomenon) or not.
-It is easy to find static damaged LED dies by a light-on test with the minimum current value.
7-3. Caution of product assembly
-Regarding this product assembling on the heat sink, it is recommended to use M3 screw.
It might be good for screw tightening on the heat sink to do temporary tightening and final tightening.
In addition, please don’t press with excess stress on the product.
-The condition of the product assembling on the heat sink and the control of screw tightening torque needs to be optimized
according to the specification of the heat sink.
-Roughness, unevenness and burr of surface negatively impact thermal bonding between the product and heat sink and
increase heat thermal resistance between them.
Confidence of thermally and mechanical coupling between the product and heat sink are confirmed by checking
the mounting surface and measuring the case temperature of the product.
-In order to reduce the thermal resistance at assembly, it might be good to use TIM (Thermal Interface Material) on whole
contact surface of the product.
In case of using thermal grease for the TIM, it might be good to apply uniformly on the contact surface of the product.
In case of using thermal sheet for the TIM, it might be good to make sure that the product is NOT strained by stress when
the screws are tightened for assembly.
-For more information, please refer to application note "Instruction Manual(COB LED Package)".
11


Similar Part No. - CLU028-1203C4-353H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU028-1203C4-35*M2M2-F1 CITIZEN-CLU028-1203C4-35*M2M2-F1 Datasheet
625Kb / 15P
   Standard Type
More results

Similar Description - CLU028-1203C4-353H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU058-1825C4 CITIZEN-CLU058-1825C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1210C4 CITIZEN-CLU038-1210C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1201C4 CITIZEN-CLU028-1201C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1202C4 CITIZEN-CLU028-1202C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1206C4 CITIZEN-CLU038-1206C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1818C4 CITIZEN-CLU048-1818C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1205C4 CITIZEN-CLU038-1205C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1204C4 CITIZEN-CLU028-1204C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1212C4 CITIZEN-CLU048-1212C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1812C4 CITIZEN-CLU048-1812C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com