Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU710-1204C1 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU710-1204C1
Description  CITILED VIVID Series High intensity Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU710-1204C1 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU710-1204C1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ref.CE-P3430 01/16
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
Symbol
Rating
Pi
41.2
*1
If
920
*1
Ir
1
Top
-40 ~ +100
Tst
-40 ~ +100
Tc
105
*2
Tj
140
*3
*3. D.C. Current : Tj = Tc + Rj-c×Pi
Storage Temperature (C)
Case Temperature (C)
Junction Temperature (C)
Operating Temperature (C)
Absolute Maximum Ratings
*1. Input power and forward current are the values when the LED is used within the range of the derating
characteristics in this data sheet.
*2. Refer to 3. Outline drawing for Tc measurement point.
Parameter
Input Power (W)
Forward Current (mA)
Reverse Current (mA)
3
( Tj=85C )
Tc=25C*
Min.
Typ.
Min.
Typ.
Typ.
Typ.
Min.
Typ.
Max.
CLU710-1204C1-41GV1J8
White
-
95
2,159
2,540
2,641
97
700
34.5
37.6
40.7
1.4
CLU710-1204C1-33GV1J8
Warm
-
95
2,014
2,370
2,464
90
700
34.5
37.6
40.7
1.4
CLU710-1204C1-31GV1J8
Warm Plus
-
95
1,963
2,310
2,402
88
700
34.5
37.6
40.7
1.4
CLU710-1204C1-27GV1J9
Warm Plus2
-
95
1,661
1,955
2,032
74
700
34.5
37.6
40.7
1.4
Notes :
1. Citizen Electronics maintains forward voltage +/-3%, luminous flux +/-10%,Ra +/-1.
*Values of Luminous flux at Tc=25C are provided as reference only.
Thermal
Resistance
Rj-c
( C/W )
Tj=85C
Electro Optical Characteristics
Efficacy
( lm/W )
CRI
Product code
Nominal
CCT
Luminous flux
( lm )
Forward
Current
( mA )
Voltage
( V )
Ra


Similar Part No. - CLU710-1204C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU710-1204C1 CITIZEN-CLU710-1204C1 Datasheet
585Kb / 14P
   High intensity Type
CLU710-1204C1-27GV1J9 CITIZEN-CLU710-1204C1-27GV1J9 Datasheet
585Kb / 14P
   High intensity Type
CLU710-1204C1-31GV1J8 CITIZEN-CLU710-1204C1-31GV1J8 Datasheet
585Kb / 14P
   High intensity Type
CLU710-1204C1-33GV1J8 CITIZEN-CLU710-1204C1-33GV1J8 Datasheet
585Kb / 14P
   High intensity Type
CLU710-1204C1-41GV1J8 CITIZEN-CLU710-1204C1-41GV1J8 Datasheet
585Kb / 14P
   High intensity Type
More results

Similar Description - CLU710-1204C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU700-1002C1 CITIZEN-CLU700-1002C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0303C1 CITIZEN-CLU700-0303C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0602C1 CITIZEN-CLU700-0602C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU034-1208B8 CITIZEN-CLU034-1208B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1212B8 CITIZEN-CLU044-1212B8 Datasheet
660Kb / 14P
   CITILED COB Series VIVID Type
CLU034-1206B8 CITIZEN-CLU034-1206B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU024-1204B8 CITIZEN-CLU024-1204B8 Datasheet
690Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1812B8 CITIZEN-CLU044-1812B8 Datasheet
659Kb / 14P
   CITILED COB Series VIVID Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com