Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8981 Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE8981
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8981 Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE8981_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8981_16 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Power
Electronics Corp.
APE8981
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
POK
Power OK Output Pin
APE8981MP-A: Internal pull low; HIGH for enable, LOW or floating for shutdown.
APE8981MP-B: Internal pull high; HIGH or floating for enable, LOW for shutdown.
VIN
Power input pin of the control circuitry. The pin is monitored for Power-On Reset
purpose.
NC
No Connect
VOUT
Output Voltage
FB
Feedback Pin
GND
GND Pin
BLOCK DIAGRAM
APE8981MP-A
APE8981MP-B
4
EN
Supply input for power conversion. The pin is monitored for Power-On Reset purpose.
VCNTL
-+
VIN
VOUT
GND
Error
Amp
EN
VCNTL
Soft -Start
And
Control Logic
Power- ON
Reset
Current
Limit
Thermal
Shutdown
Bandgap
FB
POK
Delay
POK
94%
V REF
N-MOSFET
10uA
Enable
-+
VIN
VOUT
GND
Error
Amp
EN
VCNTL
Soft -Start
And
Control Logic
Power- ON
Reset
Current
Limit
Thermal
Shutdown
Bandgap
FB
POK
Delay
POK
94%
V REF
N-MOSFET
10uA
Enable
.


Similar Part No. - APE8981_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8981_16

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com