Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8998B Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE8998B
Description  ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8998B Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE8998B_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8998B_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8998B_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8998B_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8998B_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8998B_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8998B_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8998B_16 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A
E
TYPICA
Fig
Fig
0.0
0.5
1.0
1.5
2.0
2.5
3.0
6
V
C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6
VB
Ci
19.5
20.0
20.5
21.0
21.5
22.0
22.5
6
Advanc
Electron
AL PERFO
g.1 VOUT T
g.3 VOUT T
Fig.5
78
VBIAS=12V, Iou
Cin=1uF, Cout=
78
9
BIAS=12V, Iout
in=1uF, Cout=0
8
VBIAS=
VBIAS=
ced Pow
nics Co
ORMANC
Turn-On Dela
Turn-Off Dela
RON vs. VIN
910
11
VIN (V)
ut=0A
=0.1uF
9
10
11
VIN (V)
=0A
0.1uF
10
VIN (V)
=VIN
=12V
wer
orp.
CE CHAR
ay Time
ay Time
12
13
1
12
13
14
12
1
RACTER
4
4
4
ISTICS
Fi
F
Fig.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
67
VBIAS
Cin=1u
500
550
600
650
700
750
800
850
900
950
1000
67
VBIAS
Cin=1u
0
5
10
15
20
25
30
35
-40 -20
VBIAS
ig.2 VOUT
Fig.4 VOUT
.6 RON vs. T
89
VIN
S=12V, Iout=0A
uF, Cout=0.1uF
89
V
=12V, Iout=0A
uF, Cout=0.1uF
0
020
4
TJ
S=VIN=12V, EN
APE
Rise Time
T Fall Time
Temperature
10
11
12
N (V)
F
10
11
12
VIN (V)
406080
°C)
=5V, Io=200mA
5
E8998B
e
13
14
13
14
100 120
A
5
.


Similar Part No. - APE8998B_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_14 Datasheet
581Kb / 8P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - APE8998B_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com