Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APU3048 Datasheet(PDF) 9 Page - Advanced Power Electronics Corp.

Part # APU3048
Description  SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU3048 Datasheet(HTML) 9 Page - Advanced Power Electronics Corp.

Back Button APU3048_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 8Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 9Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 10Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 11Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 12Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 13Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Advanced Power
Electronics Corp.
APU3048
9
As known, transconductance amplifier has high
impedance (current source) output, therefore, consider
should be taken when loading the E/A output. It may
exceed its source/sink output current capability, so that the
amplifier will not be able to swing its output voltage over the
necessary range.
The compensation network has three poles and two
zeros and they are expressed as follows:
FLC1 = 2.8KHz
R8 = 1K
R6 = 1.64K
gm = 600umho
For:
VIN1 = 12V
VOSC = 1.25V
FO1 = 30KHz
FESR1 = 26.5KHz
This results to R9=46.4KΩ; Choose R9=46.4KΩ
To cancel one of the LC filter poles, place the zero
be-fore the LC filter resonant frequency pole:
For:
L3 = 10.2uH
Co = 300uF
Fz = 2.1KHz
R9 = 46.4KΩ
Using equations (11) and (13) to calculate C9, we get:
C9 = 1630pF; Choose C9 = 1800pF
We get:
R11 = 38.9KΩ; Choose R11 = 39.2KΩ
C19 = 1554pF; Choose C19 = 1800pF
One more capacitor is sometimes added in parallel
with C9 and R4. This introduces one more pole which is
mainly used to supress the switching noise. The
additional pole is given by:
The pole sets to one half of switching frequency which
results in the capacitor CPOLE:
For a general solution for unconditionally stability
for any type of output capacitors, in a wide range of
ESR values we should implement local feedback with a
compensation network. The typically used
compensation network for voltage-mode controller is
shown in Figure 7.
Figure 7 - Compensation network with local feedback
and its asymptotic gain plot.
In such configuration, the transfer function is given by:
The error amplifier gain is independent of the
transconductance under the following condition:
By replacing ZIN and Zf according to figure 7, the
transformer function can be expressed as:
.


Similar Part No. - APU3048_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3048M A-POWER-APU3048M Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
APU3048O A-POWER-APU3048O Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - APU3048_16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
Excelliance MOS Corp.
EM8672 EXCELLIANCE-EM8672 Datasheet
285Kb / 13P
   HV Start-up PWM Controller with Over Temperature Protection
logo
Advanced Power Electron...
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH
logo
Leadtrend Technology
LD7750 LEADTREND-LD7750 Datasheet
454Kb / 20P
   High Voltage Green-Mode PWM Controller with Over Temperature Protection
LD7750R LEADTREND-LD7750R Datasheet
406Kb / 19P
   High Voltage Green-Mode PWM Controller with Over Temperature Protection
05/12/2010
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Monolithic Power System...
MP3908 MPS-MP3908 Datasheet
275Kb / 11P
   Current Mode PWM Controller with Synchronous Secondary Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com