Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45208-1YMP Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC45208-1YMP
Description  26V 10A DC-to-DC Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45208-1YMP Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC45208-1YMP Datasheet HTML 4Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 5Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 6Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 7Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 8Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 9Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 10Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 11Page - Micrel Semiconductor MIC45208-1YMP Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Micrel, Inc.
MIC45208
February 6, 2015
8
Revision 2.0
Typical Characteristics (Continued)
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
14
OUTPUT CURRENT (A)
IC Power Dissipation (V
IN = 5V)
vs. Output Current
V
IN = 5V
f
SW = 600kHz
3.3V
OUT
2.5V
OUT
1.8V
OUT
1.5V
OUT
1.0V
OUT
0.8V
OUT
1.2V
OUT
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
OUTPUT CURRENT (A)
IC Power Dissipation (V
IN = 12V)
vs. Output Current
V
IN = 12V
f
SW = 600kHz
3.3V
OUT
2.5V
OUT
1.8V
OUT
1.5V
OUT
1.0V
OUT
0.8V
OUT
1.2V
OUT
5.0V
OUT
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
OUTPUT CURRENT (A)
IC Power Dissipation (V
IN = 24V)
vs. Output Current
V
IN = 24V
f
SW = 600kHz
3.3V
OUT
2.5V
OUT
1.8V
OUT
1.5V
OUT
1.0V
OUT
0.8V
OUT
1.2V
OUT
5.0V
OUT


Similar Part No. - MIC45208-1YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45208-1YMP-T1 MICROCHIP-MIC45208-1YMP-T1 Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
MIC45208-1YMP-TR MICROCHIP-MIC45208-1YMP-TR Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
More results

Similar Description - MIC45208-1YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
   26V 10A DC-to-DC Power Module
logo
Microchip Technology
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
logo
Micrel Semiconductor
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
   26V/14A DC-to-DC Power Module
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
   26V/6A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
   26V/6A DC-to-DC Power Module
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
   26V/14A DC-to-DC Power Module
logo
Microchip Technology
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
   26V, 14A DC-to-DC Power Module
10/25/17
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 72P
   Digital DC/DC PMBus 10A Power Module
January 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com