Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45208-2YMP Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC45208-2YMP
Description  26V 10A DC-to-DC Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45208-2YMP Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC45208-2YMP Datasheet HTML 1Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 2Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 3Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 4Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 5Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 6Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 7Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 8Page - Micrel Semiconductor MIC45208-2YMP Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Micrel, Inc.
MIC45208
February 6, 2015
5
Revision 2.0
Electrical Characteristics
(5) (Continued)
VPIN = VIN = VEN = 12V, VOUT = 3.3V, VBST − VSW = 5V, TJ = +25ºC. Bold values indicate −40ºC < TJ < +125ºC, unless otherwise noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Oscillator
Switching Frequency
VFREQ = VIN, IOUT = 2A
400
600
750
kHz
VFREQ = 50%VIN, IOUT = 2A
350
Maximum Duty Cycle
85
%
Minimum Duty Cycle
VFB = 1V
0
%
Minimum Off-Time
140
200
260
ns
Soft-Start
Soft-Start Time
3
ms
Short-Circuit Protection
Current-Limit Threshold
VFB = 0.79V
−30
−14
0
mV
Short-Circuit Threshold
VFB = 0V
−23
−7
9
mV
Current-Limit Source Current
VFB = 0.79V
50
70
90
µA
Short-Circuit Source Current
VFB = 0V
25
35
45
µA
Leakage
SW, BST Leakage Current
10
µA
FREQ Leakage Current
10
µA
Power Good (PG)
PG Threshold Voltage
Sweep VFB from Low-to-High
85
90
95
%VOUT
PG Hysteresis
Sweep VFB from High-to-Low
6
%VOUT
PG Delay Time
Sweep VFB from Low-to-High
100
µs
PG Low Voltage
VFB < 90% × VNOM, IPG = 1mA
70
200
mV
Thermal Protection
Overtemperature Shutdown
TJ Rising
160
°C
Overtemperature Shutdown Hysteresis
15
°C


Similar Part No. - MIC45208-2YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45208-2YMP-T1 MICROCHIP-MIC45208-2YMP-T1 Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
MIC45208-2YMP-TR MICROCHIP-MIC45208-2YMP-TR Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
More results

Similar Description - MIC45208-2YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
   26V 10A DC-to-DC Power Module
logo
Microchip Technology
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
logo
Micrel Semiconductor
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
   26V/14A DC-to-DC Power Module
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
   26V/6A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
   26V/6A DC-to-DC Power Module
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
   26V/14A DC-to-DC Power Module
logo
Microchip Technology
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
   26V, 14A DC-to-DC Power Module
10/25/17
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 72P
   Digital DC/DC PMBus 10A Power Module
January 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com