Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GEL-1061 Datasheet(PDF) 4 Page - Level One

Part # GEL-1061
Description  10-Port L2 Managed Gigabit Switch, 2 x SFP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GEL-1061 Datasheet(HTML) 4 Page - Level One

  GEL-1061 Datasheet HTML 1Page - Level One GEL-1061 Datasheet HTML 2Page - Level One GEL-1061 Datasheet HTML 3Page - Level One GEL-1061 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Reliability
MTBF:
25 degreeC: 1284936 hrs
45 degreeC: 55390 hrs
Others
Approval and Compliance:
CE classA, FCC, UL, VCCI, BSMI
Order Information
GEL-1061
Package Contents
GEL-1061
Power Cord
19" Rackmount Kit
Quick Installation Guide
Resource CD (User Manual)
Console Cable
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 4 of 4


Similar Part No. - GEL-1061

ManufacturerPart #DatasheetDescription
logo
Level One
GEL-1072 LVL1-GEL-1072 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
GEL-1072 LVL1-GEL-1072 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
More results

Similar Description - GEL-1061

ManufacturerPart #DatasheetDescription
logo
Level One
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
   26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
GEL-2861 LVL1-GEL-2861 Datasheet
415Kb / 4P
   28-Port L2 Managed Gigabit Switch, 4 x SFP
GEP-1070 LVL1-GEP-1070 Datasheet
135Kb / 4P
   10-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 2 x SFP, 120W
GEP-1061 LVL1-GEP-1061 Datasheet
152Kb / 4P
   10-Port L2 Managed Gigabit PoE Switch, 2 x SFP, 802.3at PoEplus, 125W
GEL-2460 LVL1-GEL-2460 Datasheet
191Kb / 4P
   24-Port L2 Managed Gigabit Switch, 2 x SFP/RJ45 Combo
GEL-2671 LVL1-GEL-2671 Datasheet
440Kb / 5P
   26-Port L2 Managed Gigabit Ethernet Switch, 4 x SFP/RJ45 Combo, 2 x SFP
GTL-5260 LVL1-GTL-5260 Datasheet
219Kb / 4P
   52-Port L2 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
GEL-1072 LVL1-GEL-1072 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
GEP-5070 LVL1-GEP-5070 Datasheet
413Kb / 5P
   50-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 375W, 2 x SFP, 48 PoE Outputs
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
   20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com