Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27530-G1 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ27530-G1
Description  Battery Management Unit Impedance Track Fuel Gauge
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27530-G1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ27530-G1_16 Datasheet HTML 7Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 8Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 9Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 10Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 11Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 12Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 13Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 14Page - Texas Instruments BQ27530-G1_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
bq27530-G1
www.ti.com
SLUSAL5B – DECEMBER 2012 – REVISED JANUARY 2016
Product Folder Links: bq27530-G1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3 Feature Description
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command( ), are used to read and write information contained within the control and status registers, as well as
its data flash locations. Commands are sent from system to gauge using the I2C serial communications engine,
and can be executed during application development, pack manufacture, or end-equipment operation.
Cell information is stored in non-volatile flash memory. Many of these data flash locations are accessible during
application development. They cannot, generally, be accessed directly during end-equipment operation. Access
to these locations is achieved by either use of the companion evaluation software, through individual commands,
or through a sequence of data-flash-access commands. To access a desired data flash location, the correct data
flash subclass and offset must be known.
The key to the high-accuracy gas gauging prediction is the TI proprietary Impedance Track™ algorithm. This
algorithm uses cell measurements, characteristics, and properties to create SOC predictions that can achieve
less than 1% error across a wide variety of operating conditions and over the lifetime of the battery.
The fuel gauge measures the charging and discharging of the battery by monitoring the voltage across a small-
value series sense resistor (5 to 20 m
Ω, typical) located between the system VSS and the battery PACK–
terminal. When a cell is attached to the fuel gauge, cell impedance is computed, based on cell current, cell open-
circuit voltage (OCV), and cell voltage under loading conditions.
The external temperature sensing is optimized with the use of a high-accuracy negative temperature coefficient
(NTC) thermistor with R25 = 10.0 k
Ω ±1%, B25/85 = 3435 K ± 1% (such as Semitec NTC 103AT). The fuel
gauge can also be configured to use its internal temperature sensor. When an external thermistor is used, a
18.2-k
Ω pullup resistor between the BI/TOUT and TS pins is also required. The fuel gauge uses temperature to
monitor the battery-pack environment, which is used for fuel gauging and cell protection functionality.
To minimize power consumption, the fuel gauge has different power modes: NORMAL, SLEEP, SLEEP+,
HIBERNATE, and BAT INSERT CHECK. The fuel gauge passes automatically between these modes, depending
upon the occurrence of specific events, though a system processor can initiate some of these modes directly.
7.3.1 Functional Description
The fuel gauge measures the cell voltage, temperature, and current to determine battery SOC. The fuel gauge
monitors the charging and discharging of the battery by sensing the voltage across a small-value resistor (5 m
to 20 m
Ω, typical) between the SRP and SRN pins and in series with the cell. By integrating charge passing
through the battery, the battery SOC is adjusted during battery charge or discharge.
The total battery capacity is found by comparing states of charge before and after applying the load with the
amount of charge passed. When an application load is applied, the impedance of the cell is measured by
comparing the OCV obtained from a predefined function for present SOC with the measured voltage under load.
Measurements of OCV and charge integration determine chemical SOC and chemical capacity (Qmax). The
initial Qmax values are taken from a cell manufacturers' data sheet multiplied by the number of parallel cells. It is
also used for the value in Design Capacity. The fuel gauge acquires and updates the battery-impedance profile
during normal battery usage. It uses this profile, along with SOC and the Qmax value, to determine
FullChargeCapacity(
)
and
StateOfCharge(
),
specifically
for
the
present
load
and
temperature.
FullChargeCapacity( ) is reported as capacity available from a fully-charged battery under the present load and
temperature
until
Voltage(
)
reaches
the
Terminate
Voltage.
NominalAvailableCapacity(
)
and
FullAvailableCapacity( ) are the uncompensated (no or light load) versions of RemainingCapacity( ) and
FullChargeCapacity( ), respectively.
The fuel gauge has two flags accessed by the Flags( ) function that warn when the battery SOC has fallen to
critical levels. When RemainingCapacity( ) falls below the first capacity threshold as specified in SOC1 Set
Threshold, the [SOC1] (State of Charge Initial) flag is set. The flag is cleared once RemainingCapacity( ) rises
above SOC1 Clear Threshold.
When the voltage is discharged to Terminate Voltage, the SOC will be set to 0.


Similar Part No. - BQ27530-G1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
More results

Similar Description - BQ27530-G1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com