Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27421YZFR-G1B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27421YZFR-G1B
Description  System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27421YZFR-G1B Datasheet(HTML) 1 Page - Texas Instruments

  BQ27421YZFR-G1B Datasheet HTML 1Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 2Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 3Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 4Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 5Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 6Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 7Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 8Page - Texas Instruments BQ27421YZFR-G1B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SCL
SRX
VSYS
Coulomb
Bus
SDA
Counter
GPOUT
BIN
CPU
ADC
PACKP
Li-Ion
Cell
LDO
VDD
VSS
T
PACKN
Protection
IC
NFET NFET
1.8 V
BAT
BatteryPack
I2C
047 µF
.
1 µF
Integrated
Sense
Resistor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq27421-G1
SLUSB85E – MAY 2013 – REVISED JANUARY 2016
bq27421-G1 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
1 Features
3 Description
The Texas Instruments bq27421-G1 fuel gauge is a
1
Single-Cell Li-Ion Battery Fuel Gauge
minimally configured microcontroller peripheral that
Resides on System Board
provides system-side fuel gauging for single-cell Li-
Supports Embedded or Removable Batteries
Ion batteries. The device requires very little user
configuration and system microcontroller firmware
Powered Directly from Battery with Integrated
development.
LDO
The bq27421-G1 fuel gauge uses the patented
Low-Value Integrated Sense Resistor
Impedance TrackTM algorithm for fuel gauging, and
(7 m
Ω, Typical)
provides
information
such
as
remaining
battery
Easy-to-Configure Fuel Gauging Based on
capacity (mAh), state-of-charge (%), and battery
Patented Impedance Track™ Technology
voltage (mV).
Reports Remaining Capacity and State-of-
Battery fuel gauging with the bq27421-G1 fuel gauge
Charge (SOC) with Smoothing Filter
requires connections only to PACK+ (P+) and PACK–
Automatically Adjusts for Battery Aging, Self-
(P–) for a removable battery pack or embedded
Discharge, Temperature, and Rate Changes
battery circuit. The tiny 9-ball, 1.62 mm × 1.58 mm,
0.5-mm
pitch
NanoFree™
chip
scale
package
Battery State-of-Health (Aging) Estimation
(DSBGA) is ideal for space-constrained applications.
Microcontroller Peripheral Supports:
400-kHz I2C Serial Interface
Device Information(1)
Configurable SOC Interrupt or
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Battery Low Digital Output Warning
bq27421-G1
YZF (9)
1.62 mm × 1.58 mm
Internal Temperature Sensor or
(1) For all available packages, see the orderable addendum at
Host-Reported Temperature
the end of the data sheet.
2 Applications
Smartphones, Feature Phones, and Tablets
Digital Still and Video Cameras
Handheld Terminals
MP3 or Multimedia Players
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ27421YZFR-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27421YZFR-G1B TI-bq27421YZFR-G1B Datasheet
959Kb / 20P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
More results

Similar Description - BQ27421YZFR-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27425-G2 TI1-BQ27425-G2_14 Datasheet
1Mb / 35P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27425-G1 TI1-BQ27425-G1 Datasheet
875Kb / 32P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI-BQ27421-G1 Datasheet
959Kb / 20P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
[Old version datasheet]   BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com