Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17552Q3A Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD17552Q3A
Description  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17552Q3A Datasheet(HTML) 2 Page - Texas Instruments

  CSD17552Q3A_16 Datasheet HTML 1Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 2Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 3Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 4Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 5Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 6Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 7Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 8Page - Texas Instruments CSD17552Q3A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD17552Q3A
SLPS387B – SEPTEMBER 2012 – REVISED JANUARY 2016
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Q3A Package Dimensions ........................................ 8
5.2
Thermal Information .................................................. 3
7.2
Q3A Recommended PCB Pattern ............................ 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Q3A Recommended Stencil Pattern ......................... 9
6
Device and Documentation Support.................... 7
7.4
Q3A Tape and Reel Information ............................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June 2014) to Revision B
Page
Enhanced Description text ..................................................................................................................................................... 1
Added Community Resources section ................................................................................................................................... 7
Updated package drawing ...................................................................................................................................................... 8
Updated PCB drawing ............................................................................................................................................................ 9
Updated Stencil Pattern drawing ............................................................................................................................................ 9
Changes from Original (September 2012) to Revision A
Page
Changed "Pb-Free terminal plating" feature to state "Pb Free" ............................................................................................ 1
Updated package dimensions ................................................................................................................................................ 8
2
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: CSD17552Q3A


Similar Part No. - CSD17552Q3A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17552Q3A TI-CSD17552Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30V, N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17552Q3A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com