Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5025
Description  Active Clamp Voltage Mode PWM Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5025 Datasheet(HTML) 1 Page - Texas Instruments

  LM5025_16 Datasheet HTML 1Page - Texas Instruments LM5025_16 Datasheet HTML 2Page - Texas Instruments LM5025_16 Datasheet HTML 3Page - Texas Instruments LM5025_16 Datasheet HTML 4Page - Texas Instruments LM5025_16 Datasheet HTML 5Page - Texas Instruments LM5025_16 Datasheet HTML 6Page - Texas Instruments LM5025_16 Datasheet HTML 7Page - Texas Instruments LM5025_16 Datasheet HTML 8Page - Texas Instruments LM5025_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM5025
UVLO
PGND AGND
COMP
OUT_A
OUT_B
VCC
SS
Rt
SYNC
REF
TIME
RAMP
CS1
VIN
CS2
VIN
35 - 78V
VOUT
3.3V
UP/DOWN
SYNC
ERROR
AMP &
ISOLATION
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5025
SNVS265C – DECEMBER 2003 – REVISED JANUARY 2016
LM5025 Active Clamp Voltage Mode PWM Controller
1 Features
3 Description
The LM5025 PWM controller contains all of the
1
Internal Start-Up Bias Regulator
features necessary to implement power converters
3-A Compound Main Gate Driver
using the active clamp and reset technique. The
Programmable Line Undervoltage Lockout (UVLO)
device can be configured to control either a
With Adjustable Hysteresis
P-channel clamp switch or an N-channel clamp
switch. With the active clamp technique, higher
Voltage Mode Control With Feed-Forward
efficiencies and greater power densities can be
Adjustable Dual-Mode Overcurrent Protection
realized compared to conventional catch winding or
Programmable Overlap or Deadtime Between the
RDC clamp and reset techniques.
Main and Active Clamp Outputs
Two control outputs are provided, the main power
Volt × Second Clamp
switch control (OUT_A), and the active clamp switch
Programmable Soft-Start
control (OUT_B). The active clamp output can be
configured for either a specified overlap time
Leading Edge Blanking
(for P-channel switch applications) or a specified
Single Resistor Programmable Oscillator
deadtime (for N_channel applications). The two
Oscillator UP and DOWN Sync Capability
internal compound gate drivers parallel both MOS
Precision 5-V Reference
and bipolar devices, providing superior gate drive
characteristics. This controller is designed for high-
Thermal Shutdown
speed operation including an oscillator frequency
range up to 1 MHz and total PWM and current sense
2 Applications
propagation delays less than 100 ns.
Server Power Supplies
The
LM5025
includes
a
high-voltage
start-up
48-V Telecom Power Supplies
regulator that operates over a wide input range of
42-V Automotive Applications
13 V to 90 V. Additional features include: line
undervoltage lockout (UVLO), soft-start, oscillator UP
High-Efficiency DC-to-DC Power Supplies
and DOWN sync capability, precision reference and
thermal shutdown.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TSSOP (16)
5.00 mm × 4.40 mm
LM5025
WSON (16)
5 00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5025_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results

Similar Description - LM5025_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A_14 Datasheet
1Mb / 22P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com