Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2854 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2854
Description  Synchronous SIMPLE SWITCHER Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2854 Datasheet(HTML) 1 Page - Texas Instruments

  LM2854 Datasheet HTML 1Page - Texas Instruments LM2854 Datasheet HTML 2Page - Texas Instruments LM2854 Datasheet HTML 3Page - Texas Instruments LM2854 Datasheet HTML 4Page - Texas Instruments LM2854 Datasheet HTML 5Page - Texas Instruments LM2854 Datasheet HTML 6Page - Texas Instruments LM2854 Datasheet HTML 7Page - Texas Instruments LM2854 Datasheet HTML 8Page - Texas Instruments LM2854 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PVIN
AVIN
EN
AGND
PGND
FB
SW
LM2854
VIN
VOUT
SS
CIN
LO
CO
RFB1
RCOMP
CCOMP
RFB2
CSS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2854
SNVS560D – MARCH 2008 – REVISED JANUARY 2016
LM2854 4-A 500-kHz / 1-MHz Synchronous SIMPLE SWITCHER® Buck Regulator
1
1 Features
1
Input Voltage Range of 2.95 V to 5.5 V
Maximum Load Current of 4 A
Wide Bandwidth Voltage Mode Control Loop,
Partial Internal Compensation
Fixed Switching Frequency of 500 kHz or 1 MHz
35-m
Ω Integrated MOSFET Switches
Adjustable Output Voltage Down to 0.8 V
Optimized Reference Voltage Initial Accuracy and
Temperature Drift
External Soft-Start Control With Tracking
Capability
Enable Pin With Hysteresis
Low Standby Current of 230 µA
Pre-Biased Load Start-up Capability
Integrated UVLO, OCP, and Thermal Shutdown
100% Duty Cycle Capability
HTSSOP-16 Exposed Pad Package
2 Applications
Low Voltage POL Regulation from 5-V or 3.3-V
Rail
Local Solution for FPGA/DSP/ASIC/µP Core or
I/O Power
Broadband Networking and Communications
Infrastructure
Portable Computing
3 Description
The LM2854 PowerWise™ SIMPLE SWITCHER®
buck regulator is a 500-kHz or 1-MHz step-down
switching voltage regulator capable of driving up to a
4-A
load
with
exceptional
power
conversion
efficiency, line and load regulation, and output
accuracy. The LM2854 can accept an input voltage
rail between 2.95 V and 5.5 V, and deliver an
adjustable and highly accurate output voltage as low
as 0.8 V. Externally established soft-start with a small
capacitor
facilitates
controlled
start-up,
and
the
LM2854 is capable of starting gracefully into a pre-
biased output voltage. Partial internal compensation
reduces the number of external passive components
and PC board space typically necessary in a voltage
mode buck converter application, yet preserving
flexibility to deal with ceramic and/or electrolytic
based load capacitors. Lossless cycle-by-cycle peak
current limit is used to protect the load from an
overcurrent or short-circuit fault, and an enable
comparator simplifies sequencing applications. The
LM2854 is available in an exposed pad HTSSOP-16
package that enhances the thermal performance of
the regulator.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2854
HTSSOP (16)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - LM2854

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854MH-1000 NSC-LM2854MH-1000 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2854MH-500 NSC-LM2854MH-500 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2854MHX-1000 NSC-LM2854MHX-1000 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

Similar Description - LM2854

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com