Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5023MMX-2 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5023MMX-2
Description  AC-DC Quasi-Resonant Current Mode PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5023MMX-2 Datasheet(HTML) 4 Page - Texas Instruments

  LM5023MMX-2 Datasheet HTML 1Page - Texas Instruments LM5023MMX-2 Datasheet HTML 2Page - Texas Instruments LM5023MMX-2 Datasheet HTML 3Page - Texas Instruments LM5023MMX-2 Datasheet HTML 4Page - Texas Instruments LM5023MMX-2 Datasheet HTML 5Page - Texas Instruments LM5023MMX-2 Datasheet HTML 6Page - Texas Instruments LM5023MMX-2 Datasheet HTML 7Page - Texas Instruments LM5023MMX-2 Datasheet HTML 8Page - Texas Instruments LM5023MMX-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LM5023
SNVS961E – APRIL 2013 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
IQR
Negative injection current when the QR pin is being driven below ground
4
mA
VSD
Maximum voltage
–0.3
45
V
IVSD
VSD clamp continuous current
500
µA
SS, COMP, QR
–0.3
7
V
VIN
Voltage range
CS
–0.3
1.25
V
OUT
Gate-drive voltage at DRV
–0.3
Self-limiting
V
IOUT
Peak OUT current, source
0.3
A
IOUT
Peak OUT current sink
0.7
A
VCC
Bias supply voltage
–0.3
16
V
TJ
Operating junction temperature
–40
125
ºC
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
V
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Bias supply voltage
8
14
V
IVSD
VSD Current
2
100
µA
IQR
QR pin current
1
4
mA
TJ
Junction temperature
–40
125
ºC
4
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Product Folder Links: LM5023


Similar Part No. - LM5023MMX-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
More results

Similar Description - LM5023MMX-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
912Kb / 13P
   Quasi-Resonant Current Mode PWM Controller for Lighting
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
   Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
NCP1336A ONSEMI-NCP1336A_14 Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com