Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5066 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5066
Description  Hotswap Controller With I/V/P Monitoring and PMBus Interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5066 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5066 Datasheet HTML 7Page - Texas Instruments LM5066 Datasheet HTML 8Page - Texas Instruments LM5066 Datasheet HTML 9Page - Texas Instruments LM5066 Datasheet HTML 10Page - Texas Instruments LM5066 Datasheet HTML 11Page - Texas Instruments LM5066 Datasheet HTML 12Page - Texas Instruments LM5066 Datasheet HTML 13Page - Texas Instruments LM5066 Datasheet HTML 14Page - Texas Instruments LM5066 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
11
LM5066
www.ti.com
SNVS655I – JUNE 2011 – REVISED JANUARY 2016
Product Folder Links: LM5066
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.7 Switching Characteristics
Unless otherwise stated, the following conditions apply: VVIN = 48 V, –40°C < TJ < 125°C, VUVLO = 3 V , VOVLO = 0 V, RPWR=
20 k
Ω.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
UVLO/EN, OVLO PINS
UVLODEL
UVLO delay
Delay to GATE high
9
µs
Delay to GATE low
13
OVLODEL
OVLO delay
Delay to GATE high
13
µs
Delay to GATE low
10
FB PIN
FBDEL
FB Delay
Delay to PGD high
7.6
µs
Delay to PGD low
9.2
CURRENT LIMIT
tCL
Response time
VIN-SENSE stepped from 0 to 80 mV; CL =
GND
45
µs
CIRCUIT BREAKER
tCB
Response time
VIN-SENSE stepped from 0 to 150 mV, time
to GATE low, no load
0.42
0.83
µs
TIMER (TIMER PIN)
tFAULT_DELAY
Fault to GATE low delay
TIMER pin reaches the upper threshold
12
µs


Similar Part No. - LM5066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI-LM5066 Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066I TI1-LM5066I Datasheet
4Mb / 71P
[Old version datasheet]   10 to 80 V, Hotswap Controller
LM5066IPMH/NMC1 TI1-LM5066IPMH/NMC1 Datasheet
4Mb / 71P
[Old version datasheet]   10 to 80 V, Hotswap Controller
More results

Similar Description - LM5066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Texas Instruments
TPS2482 TI-TPS2482 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
   Hotswap Controller
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com