Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2734YMK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2734YMK
Description  Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734YMK Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2734YMK Datasheet HTML 7Page - Texas Instruments LM2734YMK Datasheet HTML 8Page - Texas Instruments LM2734YMK Datasheet HTML 9Page - Texas Instruments LM2734YMK Datasheet HTML 10Page - Texas Instruments LM2734YMK Datasheet HTML 11Page - Texas Instruments LM2734YMK Datasheet HTML 12Page - Texas Instruments LM2734YMK Datasheet HTML 13Page - Texas Instruments LM2734YMK Datasheet HTML 14Page - Texas Instruments LM2734YMK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LM2734Z, LM2734Z-Q1
www.ti.com
SNVS334F – JANUARY 2005 – REVISED JANUARY 2016
Feature Description (continued)
7.3.5 Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the LM2734Z from operating until the input voltage exceeds 2.74 V
(typical).
The UVLO threshold has approximately 440 mV of hysteresis, so the part operates until VIN drops below 2.3 V
(typical). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
7.3.6 Current Limit
The LM2734Z uses cycle-by-cycle current limiting to protect the output switch. During each switching cycle, a
current limit comparator detects if the output switch current exceeds 1.7 A (typical), and turns off the switch until
the next switching cycle begins.
7.4 Device Functional Modes
7.4.1 Enable Pin and Shutdown Mode
The LM2734Z has a shutdown mode that is controlled by the enable pin (EN). When a logic low voltage is
applied to EN, the part is in shutdown mode and its quiescent current drops to typically 30 nA. Switch leakage
adds another 40 nA from the input supply. The voltage at this pin must never exceed VIN + 0.3 V.
7.4.2 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 150°C.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2734Z LM2734Z-Q1


Similar Part No. - LM2734YMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734YMK NSC-LM2734YMK Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734YMK TI1-LM2734YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734YMK/NOPB TI1-LM2734YMK/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734YMKX NSC-LM2734YMKX Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734YMKX TI1-LM2734YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2734YMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com