Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2734-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2734-Q1
Description  Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM2734-Q1 Datasheet HTML 1Page - Texas Instruments LM2734-Q1 Datasheet HTML 2Page - Texas Instruments LM2734-Q1 Datasheet HTML 3Page - Texas Instruments LM2734-Q1 Datasheet HTML 4Page - Texas Instruments LM2734-Q1 Datasheet HTML 5Page - Texas Instruments LM2734-Q1 Datasheet HTML 6Page - Texas Instruments LM2734-Q1 Datasheet HTML 7Page - Texas Instruments LM2734-Q1 Datasheet HTML 8Page - Texas Instruments LM2734-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM2734
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C1
C2
R1
R2
D1
D2
ON
OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2734Z, LM2734Z-Q1
SNVS334F – JANUARY 2005 – REVISED JANUARY 2016
LM2734Z/-Q1 Thin SOT 1-A Load Step-Down DC-DC Regulator
1 Features
3 Description
The
LM2734Z
regulator
is
a
monolithic,
high-
1
Qualified for Automotive Applications
frequency,
PWM
step-down
DC–DC
converter
AEC-Q100 Qualified With the Following Results:
assembled in a thick 6-pin SOT and a WSON non-
Device Temperature Grade 1: –40°C to 125°C
pullback package. The device provides all the active
Ambient Operating Temperature Range
functions to provide local DC–DC conversion with fast
transient response and accurate regulation in the
Device HBM ESD Classification Level 2
smallest possible PCB area.
Device CDM ESD Classification Level C6
With a minimum of external components and online
6-pin SOT Package, or 6-Pin WSON Package
design support through WEBENCH™, the LM2734Z
3.0-V to 20-V Input Voltage Range
is easy to use. The ability to drive 1-A loads with an
0.8-V to 18-V Output Voltage Range
internal 300-m
Ω NMOS switch using state-of-the-art
0.5-µm BiCMOS technology results in the best power
1-A Output Current
density available. The world class control circuitry
3-MHz Switching Frequency
allows for ON-times as low as 13 ns, thus supporting
300-m
Ω NMOS Switch
exceptionally high-frequency conversion over the
entire 3-V to 20-V input operating range down to the
30-nA Shutdown Current
minimum output voltage of 0.8 V. Switching frequency
0.8-V, 2% Internal Voltage Reference
is internally set to 3 MHz, allowing the use of
Internal Soft-Start
extremely small surface mount inductors and chip
Current-Mode, PWM Operation
capacitors. Even though the operating frequency is
very high, efficiencies up to 85% are easy to achieve.
Thermal Shutdown
External shutdown is included, featuring an ultra-low
standby current of 30 nA. The LM2734Z uses current-
2 Applications
mode control and internal compensation to provide
DSL Modems
high-performance regulation over a wide range of
operating
conditions.
Additional
features
include
Local Point of Load Regulation
internal soft-start circuitry to reduce inrush current,
Battery-Powered Devices
pulse-by-pulse current limit, thermal shutdown, and
USB-Powered Devices
output overvoltage protection.
Automotive
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
WSON (6)
3.00 mm × 3.00 mm
LM2734Z
SOT (6)
1.60 mm × 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2734-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 TI-LM27341 Datasheet
2Mb / 44P
[Old version datasheet]   LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM2734-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com