Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IES-0812 Datasheet(PDF) 1 Page - Level One

Part # IES-0812
Description  4 x 802.3af plus 3 FEplus 1 MM SC Unmanaged Switch -10 to 60C, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

IES-0812 Datasheet(HTML) 1 Page - Level One

  IES-0812 Datasheet HTML 1Page - Level One IES-0812 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
LevelOne IES-0812 Industry Ethernet Switch provides 4 PoE ports of
10/100Base-TX plus 3 ports of 10/100Base-TX Ethernet plus 1 port 100FX
Multimode SC ber to enable high speed network at mission-critical
environment. This device is designed to be mounted on an industry
standard DIN-rail, plus the clearly visible status LEDs provide simple
monitoring of port link activity.
Cost E ective
This device operates under -10 to 60 Celsius (-14 to 140 Fahrenheit)
temperature that o ers optimal suitability for industrial applications at
low cost while maintaining all components built to withstand harsh
environment applications without compromise reliability and stability.
Features
- Provides exibility of 8 Ethernet ports that congure in combinations
of copper and ber optic interfaces
- -10°C to 60°C (14° to 140°F) and is tested for functional operation @
-20°C to 70°C (-4°F to 158°F)
- Port1 - 4 support IEEE802.3af Power over Ethernet (PoE) Power
Sourcing Equipment (PSE)
- Provides DIN-rail, panel or rack mounting
- Alarms for power and port link failure by relay output
- Redundant power inputs with Terminal Block and DC Jack
- Complies with IEC61000-6-2 EMC Generic standard immunity for
Industrial environment
- Complies with NEMA TS2 Environmental requirements for Trac
control equipment
- 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
Redundancy
This redundant power system is designed to meet the challenge of
power failure to ensure reliability and constant availability. Single power
design works ne in non-critical network applications, but it falls short
drastically for network applications in transportation, automate
production or banking.
Plug & Play
This unmanaged Industrial Ethernet Switch is designed for the
demanding industrial environments at businesses in need of instant
connectivity with no setup or congure required, truly plug and play.
Power over Ethernet
This switch is Power Sourcing Equipment (PSE), and it is fully complied
with IEEE 802.3af PoE standard at maximum 15.4W power budget per
port. It helps to save infrastructure wiring costs dramatically by
eliminating electric wiring and less UPS needed.
Safety
This device has been tested under UL508 standard for Industrial Control
Equipment to endurance under test turn on and o 6,000 times while
loaded, with no single failure. Plus, it is the E-Mark complied to ensure
reliability at rolling stock applications. It’s highly reliability and safety
measurement to ensure eld hardened, especially for the harsh
environment.
IES-0812
Diagrams
4 x 802.3af + 3 FE+ 1 MM SC Unmanaged Switch
-10 to 60C, DIN-rail
Unit: mm
Side
Buttom
Top
Front
62


Similar Part No. - IES-0812

ManufacturerPart #DatasheetDescription
logo
Level One
IES-0810 LVL1-IES-0810 Datasheet
584Kb / 2P
   8 FE Unmanaged Switch -20 to 60, DIN-rail
IES-0811 LVL1-IES-0811 Datasheet
583Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -10 to 60C, DIN-rail
More results

Similar Description - IES-0812

ManufacturerPart #DatasheetDescription
logo
Level One
IES-0822 LVL1-IES-0822 Datasheet
510Kb / 2P
   4 x 802.3af plus 3 FEplus 1 MM SC Unmanaged Switch -40 to 75C, DIN-rail
IES-0811 LVL1-IES-0811 Datasheet
583Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -10 to 60C, DIN-rail
IES-0510 LVL1-IES-0510 Datasheet
384Kb / 2P
   4 FE plus 1 MM SC Unmanaged Switch -10 to 60, DIN-rail
IES-1611 LVL1-IES-1611 Datasheet
513Kb / 2P
   15 FE plus 1 MM SC Unmanaged Switch -10 to 60, DIN-rail
IES-0821 LVL1-IES-0821 Datasheet
603Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -40 to 75C, DIN-rail
IES-0520 LVL1-IES-0520 Datasheet
531Kb / 2P
   4 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
IES-0920 LVL1-IES-0920 Datasheet
570Kb / 2P
   8 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
IES-1621 LVL1-IES-1621 Datasheet
519Kb / 2P
   15 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
IES-0853 LVL1-IES-0853 Datasheet
645Kb / 2P
   4 x 802.3at plus 3 FE plus 1 MM SC Web Smart Switch -40 to 75C, DIN-rail
IES-0823 LVL1-IES-0823 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com