Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IES-0831 Datasheet(PDF) 2 Page - Level One

Part # IES-0831
Description  6 FE plus 2 MM SC Unmanaged Switch -40 to 75, DIN-rail, IEC61850
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

IES-0831 Datasheet(HTML) 2 Page - Level One

  IES-0831 Datasheet HTML 1Page - Level One IES-0831 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IES-0831
- 6FE+2MMSCUnmanagedSwitch-40to75,DIN-rail,IEC61850
Specications
Package Contents
IES-0831
Quick Installation Guide
www.level1.com
one world_one brand_one level_
Technology
Standards
IEEE802.3 10BASE-T, IEEE802.3u 100BASE-TX/FX,
IEEE802.3x
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
Packet Buffer
Memory
448K bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Address Table
Size
2048 MAC addresses
Environment
Operating
Temperature
-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Ambient
Relative
Humidity
5% to 95% (non-condensing)
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL508 (Pending)
EMI
FCC Part 15, Class A
EN61000-6-4
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 8KV; Criteria B
Air: + / - 15KV; Criteria B
- EN61000-4-3 (Radiated FRI Standards)
35V/m, 80 to 3G; 80% AM Criteria A
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4KV
D.C. Power Ports: + / - 4KV; Criteria B
A.C. Power Ports: + / - 4KV; Criteria B
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 2KV; Line-to-Line; Criteria B
D.C. Power Ports: + / - 4KV; Line-to-Earth; Criteria B
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10V @ 0.15 - 80MHz; Criteria A
D.C. Power Ports: 10V @ 0.15 - 80MHz; Criteria A
A.C. Power Ports: 10V @ 0.15 - 80MHz; Criteria A
Earth Ground Ports: 10V @ 0.15 - 80MHz; Criteria A
- EN61000-4-8 (Magnetic Field Standards)
1000A/m @ 50, 60Hz; Criteria A
-
100kHz and 1MHz: 30A/m
- IEC 61000-4-16 (Power frequency immunity test) 50Hz: 300V
- IEC 61000-4-18 (oscillatory wave immunity test):
100 kHz, 2.5kV CM and 2.5kV DM
1MHz , 2.5kV CM and 2.5kV DM
- IEEE1613:
power frequency withstand voltage: 2KV, Insulation
resistance >550 MOhm
RJ45 Port 500V, Insulation resistance >550 MOhm
Impulse voltage: 5Kv, Insulation resistance >550 MOhm
IEC 60870-2-1: AC/DC power supply voltage variations
Environmental
Test
Compliance
IEC60068-2-6 (Vibration Resistance)
5G @ 150Hz; Criterion 3 (Operation/Storage/Transport)
IEC60068-2-27 (Shock)
25G @ 11ms (Half-Sine Shock Pulse; Operation)
50G @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
IEC60068-2-32 (Free Fall)
1M (3.281ft.)
Power
Input
Input Voltage: 12VDC (DC Jack); 12 to 48VDC (Terminal
Block)
Power
Consumption
6W Max. 12VDC @ 0.5A, 24VDC @ 0.25A, 48VDC @
0.125A
Reverse
Polarity
Protection
Present
Mechanical
Casing
Aluminum case
Dimensions
60mm (W) x 125mm (D) x 145mm (H)
(2.36" (W) x 4.92" (D) x 5.7" (H))
Weight
1Kg (2.2lbs.)
Installation
DIN-Rail, Panel Mounting
Interface
LED Indicators
Per Unit: Power Status: Power 1, 2, 3 (Green), Fault (Red)
Per Port: 10/100TX, 100FX: Link/Activity (Green)
10/100TX: 100 (Green)
Alarm Contact
One relay output with current 1A @ 24VDC
MTBF
38.89 years
IEC61000-4-10 (Oscillatory wave magnetic field test)


Similar Part No. - IES-0831

ManufacturerPart #DatasheetDescription
logo
Level One
IES-0830 LVL1-IES-0830 Datasheet
533Kb / 2P
   8 FE Unmanaged Switch -40 to 75, DIN-rail, IEC61850
More results

Similar Description - IES-0831

ManufacturerPart #DatasheetDescription
logo
Level One
IES-0830 LVL1-IES-0830 Datasheet
533Kb / 2P
   8 FE Unmanaged Switch -40 to 75, DIN-rail, IEC61850
IES-0520 LVL1-IES-0520 Datasheet
531Kb / 2P
   4 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
IES-0920 LVL1-IES-0920 Datasheet
570Kb / 2P
   8 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
IES-1621 LVL1-IES-1621 Datasheet
519Kb / 2P
   15 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
IES-1620 LVL1-IES-1620 Datasheet
520Kb / 2P
   16 FE Unmanaged Switch -40 to 75, DIN-rail
IES-0820 LVL1-IES-0820 Datasheet
504Kb / 2P
   8 FE Unmanaged Switch -40 to 75, DIN-rail
IES-1611 LVL1-IES-1611 Datasheet
513Kb / 2P
   15 FE plus 1 MM SC Unmanaged Switch -10 to 60, DIN-rail
IES-0510 LVL1-IES-0510 Datasheet
384Kb / 2P
   4 FE plus 1 MM SC Unmanaged Switch -10 to 60, DIN-rail
IES-1890 LVL1-IES-1890 Datasheet
1Mb / 2P
   16 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
IES-1090 LVL1-IES-1090 Datasheet
1Mb / 2P
   8 FE plus 2 GE Combo SFP Managed Switch -40 to 75C, DIN-rail, IEC61850
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com