Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3TC0500 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3TC0500
Description  2.4mm Male to 2.4mm Male Precision Cable Using High Flex VNA Test Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0500 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3TC0500 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE3TC0500 REV 1.0
2.4mm Male to 2.4mm Male Precision Cable Using High Flex VNA Test Coax, RoHS
PE3TC0500 CAD Drawing


Similar Part No. - PE3TC0500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0500-24 PASTERNACK-PE3TC0500-24 Datasheet
421Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3TC0500-48 PASTERNACK-PE3TC0500-48 Datasheet
421Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC0500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0600 PASTERNACK-PE3TC0600 Datasheet
452Kb / 5P
   2.4mm Male to 2.4mm Female Precision Cable Using High Flex VNA Test Coax, RoHS
PE3TC0700 PASTERNACK-PE3TC0700 Datasheet
441Kb / 5P
   2.4mm Male to 2.4mm Male Right Angle Precision Cable Using High Flex VNA Test Coax, RoHS
PE3VNA4004 PASTERNACK-PE3VNA4004 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Male 40GHz, RoHS
PE373 PASTERNACK-PE373 Datasheet
464Kb / 4P
   2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS
PE35611 PASTERNACK-PE35611 Datasheet
229Kb / 3P
   2.4mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS
PE3VNA4005 PASTERNACK-PE3VNA4005 Datasheet
453Kb / 5P
   VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Female 40GHz, RoHS
PE363 PASTERNACK-PE363 Datasheet
385Kb / 4P
   2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
PE3TC0800 PASTERNACK-PE3TC0800 Datasheet
442Kb / 5P
   1.85mm Male to 1.85mm Male Precision Cable Using High Flex VNA Test Coax, RoHS
PE373-60 PASTERNACK-PE373-60 Datasheet
464Kb / 4P
   2.4mm Male to 2.4mm Male Test Cable 60 Inch Length Using PE-P102 Coax, RoHS
PE35654LF PASTERNACK-PE35654LF Datasheet
640Kb / 4P
   2.4mm Male to 2.4mm Female Cable Using RG405 Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com