Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP504AN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP504AN
Description  Application Note
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504AN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP504AN Datasheet HTML 2Page - Sipex Corporation SP504AN Datasheet HTML 3Page - Sipex Corporation SP504AN Datasheet HTML 4Page - Sipex Corporation SP504AN Datasheet HTML 5Page - Sipex Corporation SP504AN Datasheet HTML 6Page - Sipex Corporation SP504AN Datasheet HTML 7Page - Sipex Corporation SP504AN Datasheet HTML 8Page - Sipex Corporation SP504AN Datasheet HTML 9Page - Sipex Corporation SP504AN Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SP504AN
SP504 Application Note
© Copyright 2000 Sipex Corporation
6
DTE/DCE Serial Port Configuration with the SP504
78
21
79
24
17
22
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
2 3 4 5 12 11 10 9
2345 12 11 10 9
14
15
13
16
1
20
80
19
DSR
RI
SCT
LL
RL
ST
78
21
79
24
17
22
61
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
LL(B)
ST(A)
ST(B)
SP504
DTE
Config.
SP504
DCE
Config.
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
39
40
51
49
42
44
61
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
40
39
51
49
42
44
47
RL(A) 47
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
14
15
13
16
1
20
80
19
DSR
RI
SCT
LL
RL
ST
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
ST(A)
ST(B)
RL(A)
LL(B)
0
0
0
0
2 34 5 12 11 10 9
14
15
13
16
1
20
80
19
78
21
79
24
17
22
61
59
63
65
58
56
54
52
70
71
37
38
66
67
35
36
68
69
76
77
40
39
51
49
42
44
47
0
1
1
0
TxD
TxC
DTR
RTS
RxD
RxC
CTS
DCD
DSR
RI
SCT
LL
RL
ST
SD(A)
SD(B)
TT(A)
TT(B)
TR(A)
TR(B)
RS(A)
RS(B)
RT(A)
RT(B)
RD(A)
RD(B)
CS(A)
CS(B)
RR(A)
RR(B)
DM(A)
DM(B)
SCT(A)
SCT(B)
IC(A)
IC(B)
LL(A)
LL(B)
ST(A)
ST(B)
RL(A)
SP504
DCE
Config.
0
1
1
0
DB-37 Connector
DB-37 Connector
(V.35 150
Ω termination resistors not shown)


Similar Part No. - SP504AN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
   WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
   WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP504 EXAR-SP504 Datasheet
1Mb / 32P
   WAN Multi-Mode Serial Transceiver
logo
Sipex Corporation
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP504MCF SIPEX-SP504MCF Datasheet
399Kb / 31P
   WAN Multi-Mode Serial Transceiver
More results

Similar Description - SP504AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com