Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX02068 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # CX02068
Description  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button CX02068 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. CX02068 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Pin Description
02068-DSH-001-C
Mindspeed Technologies
®
5
Mindspeed Proprietary and Confidential
17
-
TCSTART
Secondary temperature coefficient of IMOD. A resistor on this pin to ground sets the threshold
temperature at which the temperature compensation starts.
18
30
MODSET
Modulation current set. Connect a resistor between this pin and ground
19
31
OCASET
Over current alarm set. Connect a resistor between this pin and ground
20
4
VCC
Power supply. Connect to VCC, do not leave open.
21
2
DIN
Positive Data Input (PECL). Self biased.
22
3
DIN
Negative Data Input (PECL). Self biased
23
16
VCC
Power supply. Connect to VCC, do not leave open.
24
29
GND
Ground. Connect to VCC, do not leave open.
Table 2-1.
Pin Descriptions (Continued)
Pin No
BCC+24
Pin No
TQFP32
Name
Function


Similar Part No. - CX02068

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

Similar Description - CX02068

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com