Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX02068G-TQ32 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # CX02068G-TQ32
Description  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068G-TQ32 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  CX02068G-TQ32 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Product Specification
02068-DSH-001-C
Mindspeed Technologies
®
3
Mindspeed Proprietary and Confidential
1.4
AC Characteristics
VCC = +3.3V ±10%, TA = -40 °C to +85 °C, unless otherwise noted.
Table 1-4.
AC Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units.
Differential input voltage
=2 x (DIN+HIGH-DIN+LOW)
(clock inputs follow same relationship)
300
-
1860
mV
Modulation current range
5
-
85
mA
Modulation current with output disabled
DIS-HIGH
-
-
300
µA
Programmable range for modulation
current temperature coefficient
Adjustable
500
-
104
ppm/°C
Programmable temperature at which
modulation current TC compensation
enables
Programmed by choice of RTCSLOPE
20
-
60
°C
Modulation output rise/fall times
20% to 80% into 25
Ω, with matching network
-
-
180
ps
Overshoot of modulation output current
Into 25
Ω load, with matching network
-10
-
+10
%
Modulation output pulse width distortion 1
Measured using alternating 1-0 pattern
-
-
1201
ps
Modulation output deterministic jitter
peak-to-peak. Measured into 25
Ω load using: 223-1
PRBS at 622 Mbps includes pulse width distortion
-
-
140
ps
NOTE:
1.
Contact your Mindspeed sales representative concerning availability of parts with a maximum modulation output pulse width distortion of 80 ps
or less


Similar Part No. - CX02068G-TQ32

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

Similar Description - CX02068G-TQ32

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com